Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F0552
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0552 Datasheet(HTML) 2 Page - Integrated Device Technology

  F0552 Datasheet HTML 1Page - Integrated Device Technology F0552 Datasheet HTML 2Page - Integrated Device Technology F0552 Datasheet HTML 3Page - Integrated Device Technology F0552 Datasheet HTML 4Page - Integrated Device Technology F0552 Datasheet HTML 5Page - Integrated Device Technology F0552 Datasheet HTML 6Page - Integrated Device Technology F0552 Datasheet HTML 7Page - Integrated Device Technology F0552 Datasheet HTML 8Page - Integrated Device Technology F0552 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
2
Rev1, April 2014
IDTF0562NLGI
Datasheet
F0552NBGI
Advance Datasheet
Table of Contents
Absolute Maximum Ratings ................................................................................................................................... 3
Truth Table – Channel A & B................................................................................................................................. 4
IDTF0562 Recommended Operating Conditions...................................................................................................... 5
IDTF0562 Specification ......................................................................................................................................... 6
Typical Operating Conditions (184 MHz IF Center).................................................................................................. 9
TOCs [Max Gain, STD Mode, IF = 184MHz] Gain, OIP3, OIP2 (-1-).................................................................... 10
TOCs [Max Gain, STD Mode, IF = 184MHz] 2x2, L-I, DC Current (-2-)............................................................... 11
TOCs [Swept Gain, STD Mode, IF = 184MHz, LS Injection] Gain, OIP3, IIP3 (-3-) .............................................. 12
TOCs [Swept Gain, STD Mode, IF = 184MHz, LS Injection] OIP2, IIP2, 2x2 (-4-) ............................................... 13
TOCs [Swept Gain, STD Mode, IF = 184MHz, LS Injection] 3x3, L-I, R-I (-5-) .................................................... 14
TOCs [Swept Gain, LC Mode, IF = 184MHz, LS Injection] Gain, OIP3, IIP3 (-6-) ................................................ 15
TOCs [Swept Gain, LC Mode, IF = 184MHz, LS Injection] OIP2, Chan Iso, 2x2 (-7-)........................................... 16
TOCs [Swept Gain, LC Mode, IF = 184MHz, LS Injection] 3x3, L-I, DC Current, R-I (-8-) .................................... 17
Typical Operating Conditions [276 MHz IF Center]................................................................................................ 18
TOCs [Swept Gain, STD Mode, IF = 276MHz, LS Injection] Gain, OIP3, OIP2 (-9-)............................................. 19
TOCs [swept Gain, STD Mode, IF = 276MHz, LS Injection] 2x2, 3x3, Current, R-I, ISO (-10-)............................. 20
TOCs Return Loss [STD Mode] (-11-) .............................................................................................................. 21
TOCs Noise Figure, Gain Accuracy, P1dB [STD Mode] (-12-) ............................................................................. 22
TOCs M x N Spurs [IF = 276 MHz, LO = 2.2586 GHz, TCASE = 25C] (-13-) ....................................................... 23
TOCs Histograms [N= 4584, TCASE = 25C] (-14-) .............................................................................................. 24
Package Drawing (10x10 68-pin Thin QFN) .......................................................................................................... 25
IDTF0562 Pinout: ............................................................................................................................................... 26
IDTF0562 Pin Description Table........................................................................................................................... 27
IDTF0562 Digital Pin Voltage & Resistance Values ................................................................................................ 29
EVKIT & Typical Application Schematic: ............................................................................................................... 31
EVkit Picture ...................................................................................................................................................... 33
IDTF0562 BOM 1 & 2.......................................................................................................................................... 34
Top Markings ..................................................................................................................................................... 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com