Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F0552
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0552 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F0552 Datasheet HTML 7Page - Integrated Device Technology F0552 Datasheet HTML 8Page - Integrated Device Technology F0552 Datasheet HTML 9Page - Integrated Device Technology F0552 Datasheet HTML 10Page - Integrated Device Technology F0552 Datasheet HTML 11Page - Integrated Device Technology F0552 Datasheet HTML 12Page - Integrated Device Technology F0552 Datasheet HTML 13Page - Integrated Device Technology F0552 Datasheet HTML 14Page - Integrated Device Technology F0552 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
11
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [MAX GAIN, STD MODE, IF = 184MHZ] 2X2, L-I, DC CURRENT (-2-)
2 X 2 vs. TCASE [low side inj.]
LO to IF Leakage [low side inj.]
Total Current Drain [low side inj.]
2 x 2 vs. TCASE [high side inj.]
LO to IF Leakage [high side inj.]
Total Current Drain [high side inj.]
-100
-90
-80
-70
-60
-50
-40
-30
-20
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq
-65
-60
-55
-50
-45
-40
-35
-30
-25
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 degC - Channel A
-40 degC - Channel B
25 degC - Channel A
25 degC - Channel B
105 degC - Channel A
105 degC - Channel B
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 degC
25 degC
105 degC
RF Freq / IF Freq
RF Freq / IF Freq
-100
-90
-80
-70
-60
-50
-40
-30
-20
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq
-65
-60
-55
-50
-45
-40
-35
-30
-25
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 degC - Channel A
-40 degC - Channel B
25 degC - Channel A
25 degC - Channel B
105 degC - Channel A
105 degC - Channel B
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 degC
25 degC
105 degC
RF Freq / IF Freq
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com