Electronic Components Datasheet Search
  English  ▼

X  

F1206 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1206
Description  Intermediate Frequency Digital Variable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1206 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1206 Datasheet HTML 3Page - Renesas Technology Corp F1206 Datasheet HTML 4Page - Renesas Technology Corp F1206 Datasheet HTML 5Page - Renesas Technology Corp F1206 Datasheet HTML 6Page - Renesas Technology Corp F1206 Datasheet HTML 7Page - Renesas Technology Corp F1206 Datasheet HTML 8Page - Renesas Technology Corp F1206 Datasheet HTML 9Page - Renesas Technology Corp F1206 Datasheet HTML 10Page - Renesas Technology Corp F1206 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 7 of 13
April, 2011
DATASHEET
TOCS CONTINUED
INL vs. Temperature (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
Noise Figure vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
150 MHz
100 MHz
Noise Figure vs. Temperature (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
-40C
85C
25C
INL vs. Voltage (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
Noise Figure vs. Voltage (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
5.25V
4.75V
5.00V
Output P1dB vs. Voltage
14
15
16
17
18
19
20
21
22
23
24
80 MHz
100 MHz
120 MHz
Frequency (MHz)
5.25V
4.75V
5.00V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com