Electronic Components Datasheet Search
  English  ▼

X  

F1206 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1206
Description  Intermediate Frequency Digital Variable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1206 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1206 Datasheet HTML 4Page - Renesas Technology Corp F1206 Datasheet HTML 5Page - Renesas Technology Corp F1206 Datasheet HTML 6Page - Renesas Technology Corp F1206 Datasheet HTML 7Page - Renesas Technology Corp F1206 Datasheet HTML 8Page - Renesas Technology Corp F1206 Datasheet HTML 9Page - Renesas Technology Corp F1206 Datasheet HTML 10Page - Renesas Technology Corp F1206 Datasheet HTML 11Page - Renesas Technology Corp F1206 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 8 of 13
April, 2011
DATASHEET
TOCS CONTINUED
Output IP3 vs. Frequency
25
30
35
40
45
50
55
60
4.0E+07
6.0E+07
8.0E+07
1.0E+08
1.2E+08
1.4E+08
1.6E+08
Frequency (Hz)
IP3-
IP3+
Output IP3 vs. Temperature (100 MHz)
25
30
35
40
45
50
55
60
-1.25
10
22
Gain Setting (dB)
-40C
85C
25C
Settling Time (16dB Step, 100 MHz)
Output IP3 vs. Voltage (100 MHz)
25
30
35
40
45
50
55
60
-1.25
10
22
Gain Setting (dB)
5.25V
4.75V
5.00V
2nd Harmonic vs. Temperature (100 MHz)
-100
-90
-80
-70
-60
-50
-1.25
10
22
Gain Setting (dB)
-40C
85C
25C
Settling Time (1 dB Step, 100 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com