Electronic Components Datasheet Search
  English  ▼

X  

F1952 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1952
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1952 Datasheet HTML 1Page - Renesas Technology Corp F1952 Datasheet HTML 2Page - Renesas Technology Corp F1952 Datasheet HTML 3Page - Renesas Technology Corp F1952 Datasheet HTML 4Page - Renesas Technology Corp F1952 Datasheet HTML 5Page - Renesas Technology Corp F1952 Datasheet HTML 6Page - Renesas Technology Corp F1952 Datasheet HTML 7Page - Renesas Technology Corp F1952 Datasheet HTML 8Page - Renesas Technology Corp F1952 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
3
Rev 3 Aug 8, 2020
F1950 SPECIFICATION (31.75 dB Range)
Specifications apply at VDD = +3.3V, fRF = 2000MHz, and TC= +25°C, EVkit losses are de-embedded (see p. 17) for spec purposes
Parameter
Comment
Sym.
Min
Typical
Max
Units
Logic Input High
CLK, LE, DATA, D[6:0], VMODE
VIH
2.3
3.6
V
Logic Input Low
CLK, LE, DATA, D[6:0], VMODE
VIL
0.7
V
Logic Current
VMODE
IIH, IIL
-5
+5
μA
Supply Voltage(s)
Main Supply
VDD
3.0
3.30
5.25
V
Supply Current
Total
IDD
0.25
0.51
mA
Temperature Range
Operating Range (Case)
TC
-40
+100
°C
Frequency Range
Operating Range
FRF
150
5000
MHz
RF1, RF2 Return Loss
dB(s11), dB(s22)
S11, S22
-22
dB
Minimum Attenuation
D[6:0] = [0000000]
AMIN or IL
1.3
1.9
dB
Maximum Attenuation
D[6:0] = [1111111]
AMAX
32.6
33.0
dB
Minimum Gain Step
Least Significant Bit
LSB
0.25
dB
Phase Delta
Phase change AMIN vs. AMAX
ΦΔ
34
deg
Differential Non-Linearity
Max error between
adjacent steps
DNL
0.10
dB
Integral Non-Linearity
Max Error vs. line (AMIN ref) to
13.75 dB ATTN
INL1
0.02
0.30
dB
Integral Non-Linearity
Max Error vs. line (AMIN ref) to
31.75 dB ATTN
INL2
0.27
0.45
dB
Input IP3
D[6:0] = [0000000] = AMIN
D[6:0] = [0111111] = A15.75
D[6:0] = [1111111] = AMAX
 P
IN = +10 dBm per tone
 50 MHz Tone Separation
IP3I1
IP3I2
IP3I3
+602
+59
+57
+63
+61
+61
dBm
0.1 dB Compression
Please note ABS MAX
Input power on Page 2
D[6:0] = [0001010] = A
2.5
Baseline P
IN
= 20 dBm
P0.1
27.5
dBm
Settling Time
Start LE rising edge > V
IH
End +/-0.10 dB Pout settling
15.75 – 16.00 transition
TLSB
400
ns
Serial Clock Speed
SPI 3 wire bus
FCLK
20
50
MHz
Parallel to Serial Setup
SPI 3 wire bus
A
100
ns
Serial Data Hold Time
SPI 3 wire bus
B
10
ns
LE delay from final
serial clock rising edge
SPI 3 wire bus
C
10
ns
SPECIFICATION NOTES:
1
– Items in min/max columns in bold italics are Guaranteed by Test
2
– All other Items in min/max columns are Guaranteed by Design Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com