Electronic Components Datasheet Search
  English  ▼

X  

F1952 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1952
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1952 Datasheet HTML 3Page - Renesas Technology Corp F1952 Datasheet HTML 4Page - Renesas Technology Corp F1952 Datasheet HTML 5Page - Renesas Technology Corp F1952 Datasheet HTML 6Page - Renesas Technology Corp F1952 Datasheet HTML 7Page - Renesas Technology Corp F1952 Datasheet HTML 8Page - Renesas Technology Corp F1952 Datasheet HTML 9Page - Renesas Technology Corp F1952 Datasheet HTML 10Page - Renesas Technology Corp F1952 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
7
Rev 3 Aug 8, 2020
TOCS CONTINUED (-2-)
Phase vs. Frequency
Supply Current IDD
Input IP3 [fRF = 1900 MHz]
Phase vs. Attenuation Setting
Input IP3 [fRF = 900 MHz]
Compression [fRF = 2000 MHz, ATTN = 2.5 dB]
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
200
600
1000
1400
1800
2200
2600
3000
3400
3800
-40 degC - 31.75 dB
-40 degC - 0.00 dB
25 degC - 31.75 dB
25 degC - 0.00 dB
100 degC - 31.75 dB
100 degC - 0.00 dB
RF Frequency (MHz)
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
-40 degC - 5.00 V
-40 degC - 2.97 V
25 degC - 5.00 V
25 degC - 2.97 V
100 degC - 5.00 V
100 degC - 2.97 V
Attenuation Setting (dB)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
4
8
12
16
20
24
28
150 MHz
400 MHz
900 MHz
1400 MHz
1900 MHz
2400 MHz
2900 MHz
3400 MHz
3900 MHz
Attenuation Setting (dB)
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
-40 degC - 5.0 V
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 5.0 V
100 degC - 3.3 V
Attenuation Setting (dB)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
20
21
22
23
24
25
26
27
28
29
Input Power (dBm)
-40 degC - 5.0 V
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 5.0 V
100 degC - 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com