Electronic Components Datasheet Search
  English  ▼

X  

FTK3443 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3443
Description  P-Channel 20-V(D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3443 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3443 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013.01. 22
2/3
FTK3443
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-20
V
I
e
g
a
k
a
e
l
y
d
o
b
-
e
t
a
G
GSS
VDS =0V, VGS =±8V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-16V, VGS =0V
-1.0
µA
On characteristics
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-0.25mA
-0.40
-1.50
V
VGS =-4.5V, ID =-4A
0.065
Static drain-source on-resistance (note 1)
RDS(on)
VGS =-2.5V, ID =-3.2A
0.10
Ω
Forward transconductance (note 1)
gfs
VDS =-5V, ID =-4A
8
S
Dynamic characteristics (note 2)
C
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
iss
640
C
e
c
n
a
ti
c
a
p
a
c
t
u
p
t
u
O
oss
180
Reverse transfer capacitance
Crss
VDS =-10,VGS =0V, f=1MHz
90
pF
Switching characteristics
Turn-on delay time (note 1,2)
td(on)
20
t
)
2
,
1
e
t
o
n
(
e
m
it
e
s
i
R
r
30
Turn-off delay time (note 1,2)
td(off)
42
t
)
2
,
1
e
t
o
n
(
e
m
it
ll
a
F
f
VGS=-4.5V, VDD=-10V,
ID =-1A,RGEN=6Ω
55
ns
Drain-source body diode characteristics
Body diode forward voltage (note 1)
VSD
IS=-1.3A, VGS = 0V
-1.2
V
Notes:
1. Pulse Test ; Pulse Width ≤300µs, Duty Cycle ≤2%.
2. These parameters have no way to verify.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com