Electronic Components Datasheet Search
  English  ▼

X  

FTK3443 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3443
Description  P-Channel 20-V(D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3443 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3443 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2013.01. 22
3/3
FTK3443
Revision No : 0
Typical Characteristics
-0.0
-0.5
-1.0
-1.5
-2.0
-0
-1
-2
-3
-4
-5
-0.0
-0.4
-0.8
-1.2
-1.6
-1E-3
-0.01
-0.1
-1
-10
-0
-1
-2
-3
-4
-0
-4
-8
-12
-16
-20
-0
-4
-8
-12
-16
-20
0
20
40
60
80
100
-0
-2
-4
-6
-8
0
100
200
300
400
500
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
-3E-3
-0.03
T
a=25
℃
Pulsed
-20
-0.3
-3
V
SD
I
S ——
SOURCE TO DRA N VOLTAGE V
SD
(V)
V
GS=-2 0V
V
GS=-1.5V
V
GS=-4.5V,-4 0V,-3 5V,-3.0V,-2.5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=-2 5V
V
GS=-4.5V
DRA N CURRENT I
D
(A)
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
I
D=-4.0A
I
D
R
DS(ON)
——
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com