Electronic Components Datasheet Search
  English  ▼

X  

TMP47C201 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP47C201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C201 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP47C201 Datasheet HTML 3Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 4Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 5Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 6Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 7Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 8Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 9Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 10Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TOSHIBA CORPORATION
7/32
TMP47C101/201
2.4 Data Memory (RAM)
The 47C101 has 64 x 4 bits (addresses 00H through 3FH) of
the data memory (RAM), and the 47C201 has 128 x 4 bits
(addresses 00H through 7FH).
The RAM is addressed in one of the three ways (address-
ing modes):
(1)
Register-indirect addressing mode
In this mode, a page is specified by the H register and
an address in the page by the L register.
Example: LD A, @HL
;
Acc
←RAM [HL]
(2)
Direct addressing mode
In this mode, an address is directly specified by the 8
bits of the second byte (operand) in the instruction
field.
Example: LD A, 2CH
;
Acc
←RAM [2C
H]
(3)
Zero-page addressing mode
In this mode, an address in zero-page (addresses 00H
through 0FH) is specified by the lower 4 bits of the sec-
ond byte (operand) in the instruction field.
Example: ST #3, 05H
;
RAM [05H]←3
Figure 2-5. Addressing Mode
2.4.1 Data Memory Map
Figure 2-6 shows the data memory map. The data memory is
also used for the following special purpose.
Œ Stack and Stack Pointer Word (SPW)
 Data Counter (DC)
Ž Count registers of the timer/counters (TC1, TC2)
 Zero-page
Figure 2-6. Data Memory Map (47C201)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com