Electronic Components Datasheet Search
  English  ▼

X  

TMP47C201 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP47C201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C201 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP47C201 Datasheet HTML 24Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 25Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 26Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 27Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 28Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 29Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 30Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 31Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28/32
TOSHIBA CORPORATION
TMP47C101/201
Electrical Characteristics
Absolute Maximum Ratings (VSS = 0V)
Recommended Operating Conditions (VSS = 0V, Topr = -430 to 70°C)
Parameter
Symbol
Pins
Rating
Unit
Supply Voltage
VDD
-0.3 to 6.5
V
Input Voltage
VIN
-0.3 to VDD + 0.3
V
Output Voltage
VOUT1
-0.3 to VDD + 0.3
V
Output Current (Per 1 pin)
IOUT1
Port R4
30
mA
IOUT2
Ports R5, R8, HOLD
3.2
Output Current
(Total)
∑I
OUT1
Port R4
120
mA
Power Dissipation [Topr = 70°C]
PD
DIP
600
mW
SOP
600
Soldering Temperature
(time)
Tsld
260 (10s)
°C
Storage Temperature
Tstg
-55 to 125
°C
Operating Temperature
Topr
-30 to 70
°C
Parameter
Symbol
Pins
Conditions
Min.
Max.
Unit
Supply Voltage
VDD
Normal mode
Crystar or ceramic
fc = 6.0MHz
4.5
5.5
V
fc = 4.2MHz
2.7
RC
fc = 2.5MHz
2.2
HOLD mode
–
–
2.0
Input High Voltage
VIH1
Except Hysteresis Input
In the normal operating area
VDD x 0.7
VDD
V
VIH2
Hysteresis Input
VDD x 0.75
VIH3
In the HOLD mode
VDD x 0.9
Input Low Voltage
VIL1
Except Hysteresis Input
In the normal operating area
0
VDD x 0.3
V
VIL2
Hysteresis Input
VDD x 0.25
VIL3
In the HOLD mode
VDD x 0.1
Clock Frequency
fc
XIN, XOUT
VDD = 4.5 to 5.5V
0.4
6.0
MHz
VDD = 2.7 to 5.5V
4.2
VDD = 2.2 to 5.5V (RC)
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com