Electronic Components Datasheet Search
  English  ▼

X  

ADC3582 Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC3582
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3582 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC3582 Datasheet HTML 38Page - Texas Instruments ADC3582 Datasheet HTML 39Page - Texas Instruments ADC3582 Datasheet HTML 40Page - Texas Instruments ADC3582 Datasheet HTML 41Page - Texas Instruments ADC3582 Datasheet HTML 42Page - Texas Instruments ADC3582 Datasheet HTML 43Page - Texas Instruments ADC3582 Datasheet HTML 44Page - Texas Instruments ADC3582 Datasheet HTML 45Page - Texas Instruments ADC3582 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
8.5 Programming
The device is primarily configured and controlled using the serial programming interface (SPI) however it can
operate in a default configuration without requiring the SPI interface. Furthermore the power down function as
well as internal/external reference configuration is possible via pin control (PDN/SYNC and REFBUF pin).
Note
The power down command (via PIN or SPI) only goes in effect with the ADC sampling clock present.
8.5.1 Configuration using PINs only
The ADC voltage reference can be selected using the REFBUF pin. Even though there is an internal 100 kΩ
pull-up resistor to AVDD, the REFBUF pin should be set to a voltage externally and not left floating.
When using a voltage divider to set the REFBUF voltage (R1 and R2 in Figure 8-41), resistor values < 5 kΩ
should be used.
100 k
REFBUF
AVDD
R1
AVDD
R2
Figure 8-41. Configuration of external voltage on REFBUF pin
Table 8-10. REFBUF voltage levels control voltage reference selection
REFBUF VOLTAGE
VOLTAGE REFERENCE OPTION
CLOCKING OPTION
> 1.7 V (Default)
External reference
Differential clock input
1.2 V (1.15-1.25V)
External 1.2V input on REFBUF pin using internal gain buffer
Differential clock input
0.5 - 0.7V
Internal reference
Differential clock input
< 0.1V
Internal reference
Single ended clock input
8.5.2 Configuration using the SPI interface
The device has a set of internal registers that can be accessed by the serial interface formed by the SEN (serial
interface enable), SCLK (serial interface clock) and SDIO (serial interface data input/output) pins. Serially shifting
bits into the device is enabled when SEN is low. Serial data input are latched at every SCLK rising edge when
SEN is active (low). The serial data are loaded into the register at every 24th SCLK rising edge when SEN is low.
When the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples
of 24-bit words within a single active SEN pulse. The interface can function with SCLK frequencies from 12 MHz
down to very low speeds (of a few hertz) and also with a non-50% SCLK duty cycle.
8.5.2.1 Register Write
The internal registers can be programmed following these steps:
1. Drive the SEN pin low
2. Set the R/W bit to 0 (bit A15 of the 16-bit address) and bits A[14:12] in address field to 0.
3. Initiate a serial interface cycle by specifying the address of the register (A[11:0]) whose content is written and
4. Write the 8-bit data that are latched in on the SCLK rising edges
Figure 8-42 shows the timing requirements for the serial register write operation.
ADC3583
SBAS873 – FEBRUARY 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com