Electronic Components Datasheet Search
  English  ▼

X  

ADC3582 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC3582
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3582 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC3582 Datasheet HTML 18Page - Texas Instruments ADC3582 Datasheet HTML 19Page - Texas Instruments ADC3582 Datasheet HTML 20Page - Texas Instruments ADC3582 Datasheet HTML 21Page - Texas Instruments ADC3582 Datasheet HTML 22Page - Texas Instruments ADC3582 Datasheet HTML 23Page - Texas Instruments ADC3582 Datasheet HTML 24Page - Texas Instruments ADC3582 Datasheet HTML 25Page - Texas Instruments ADC3582 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
8 Detailed Description
8.1 Overview
The ADC358x is a low noise, ultra-low power 18-bit high-speed ADC family supporting sampling rates up to 65
MSPS. It offers very good DC precision together with IF sampling support which makes it ideally suited for a
wide range of applications. The ADC358x is equipped with an internal reference option but it also supports the
use of an external, high precision 1.6 V voltage reference or an external 1.2 V reference which is buffered and
gained up internally. Because of the inherent low latency architecture, the digital output result is available after
only one to two clock cycles.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. The digital filter provides a 32-bit programmable NCO and supports both real or complex
decimation. The internal DDC mux enables use of two decimation filters with independent NCOs for dual band
support (using channel B output interface).
The ADC358x uses a serial LVDS (SLVDS) interface to output the data which minimizes the number of digital
interconnects. The device supports a two-lane (2-wire), a one-lane (1-wire) and a half-lane (1/2-wire) option. The
ADC358x includes a digital output formatter which supports output resolutions from 14 to 20-bit.
The device features and control options can be set up either through pin configurations or via SPI register writes.
8.2 Functional Block Diagram
N
NCO
Control
AIN
CLK
VREF
ADC
1.2V REF
REFBUF
N
Digital Downconverter
NCO
0.95V
VCM
Dig I/F
SLVDS
Crosspoint
Switch
DCLKIN
DCLK
FCLK
DA0/1
DB0/1
ADC3583
SBAS873 – FEBRUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com