Electronic Components Datasheet Search
  English  ▼

X  

ISO6740FDWR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6740FDWR
Description  ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6740FDWR Datasheet(HTML) 38 Page - Texas Instruments

Back Button ISO6740FDWR Datasheet HTML 34Page - Texas Instruments ISO6740FDWR Datasheet HTML 35Page - Texas Instruments ISO6740FDWR Datasheet HTML 36Page - Texas Instruments ISO6740FDWR Datasheet HTML 37Page - Texas Instruments ISO6740FDWR Datasheet HTML 38Page - Texas Instruments ISO6740FDWR Datasheet HTML 39Page - Texas Instruments ISO6740FDWR Datasheet HTML 40Page - Texas Instruments ISO6740FDWR Datasheet HTML 41Page - Texas Instruments ISO6740FDWR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
13.2 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ISO6740DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6740FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6741DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6741FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6742DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6742FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.4
Q1
ISO6740, ISO6741, ISO6742
SLLSFJ6C – DECEMBER 2019 – REVISED JANUARY 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6740 ISO6741 ISO6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com