Electronic Components Datasheet Search
  English  ▼

X  

LTC4372 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4372
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372 Datasheet(HTML) 4 Page - Analog Devices

  LTC4372 Datasheet HTML 1Page - Analog Devices LTC4372 Datasheet HTML 2Page - Analog Devices LTC4372 Datasheet HTML 3Page - Analog Devices LTC4372 Datasheet HTML 4Page - Analog Devices LTC4372 Datasheet HTML 5Page - Analog Devices LTC4372 Datasheet HTML 6Page - Analog Devices LTC4372 Datasheet HTML 7Page - Analog Devices LTC4372 Datasheet HTML 8Page - Analog Devices LTC4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4372/LTC4373
4
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
SOURCE or 100V above GND. A second internal clamp limits the GATE pin
to a minimum of 28V below GND. Driving this pin to voltages beyond the
clamp may damage the device.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = SOURCE =12V, SHDN = 0V, UV = 2V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IGATE(DOWN) GATE Pull-Down Current
Shutdown: SHDN = 2V, UV = 0V, ∆VGATE = 5V
Reverse Current: ∆VSD = –0.1V, ∆VGATE = 5V
Reverse Battery: IN = SOURCE = –7V, GATE = –3V
l
l
l
0.5
70
70
1
130
130
3
230
230
mA
mA
mA
VGATE(NEG) GND-GATE clamp
IGATE = 10mA (Note 3)
l
–28
–32
–35
V
VSOURCE(TH) Reverse SOURCE Threshold for GATE Off
GATE = 0V (Note 5)
l
–0.9
–1.8
–2.7
V
tOFF
Gate Turn-Off Delay Time
∆VSD = Step 0.1V to –0.8V, CGATE = 0pF, ∆VGATE <1V l
0.5
1.5
µs
tON
Gate Turn-On Delay Time
IN = 12V, SOURCE = OUT = 0V, ∆VGATE > 4.5V,
CGATE = 0pF, SHDN = 2V to 0V, UV = 0V to 1.25V
l
100
500
1200
µs
LTC4372
I2UPU
2UPU Pull-Up Current
l
–1
–2
–3
µA
VSHDN
SHDN Threshold
SHDN Falling
l
1
1.2
1.4
V
VSHDN(HYST) SHDN Threshold Hysteresis
l
2
15
40
mV
ISHDN
SHDN Leakage Current
SHDN = 1.2V
l
±1
±50
nA
LTC4373
VUV
UV Threshold
UV Falling
l
1.174
1.191
1.208
V
VUV(HYST)
UV Threshold Hysteresis
l
2
15
40
mV
IUV(LK)
UV Leakage Current
UV = 1.2V
l
±1
±50
nA
IUVOUT(LK) UVOUT Leakage Current
UV = 2V, UVOUT = 1.2V
(C-Grade, I-Grade)
(H-Grade)
l
l
±1
±1
±50
±200
nA
nA
RUVOUT#
UVOUT Output Low Resistance
I = 2mA
l
140
500
Ω
tUV
Under Voltage Detect to UVOUT Assert Low UV = Step 1.25V to 1.1V
l
10
50
300
µs
Note 4: When testing the single MOSFET configuration, IN is connected to
SOURCE. When testing the back-to-back MOSFET configuration, SOURCE
is left unconnected.
Note 5: SOURCE ≤ –1.8V triggers a 130mA pull-down current from GATE
to SOURCE. An internal clamp limits the GATE pin to a minimum of 28V
below GND. Driving SOURCE to voltages beyond the clamp may damage
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com