Electronic Components Datasheet Search
  English  ▼

X  

LTC4372 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4372
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4372 Datasheet HTML 7Page - Analog Devices LTC4372 Datasheet HTML 8Page - Analog Devices LTC4372 Datasheet HTML 9Page - Analog Devices LTC4372 Datasheet HTML 10Page - Analog Devices LTC4372 Datasheet HTML 11Page - Analog Devices LTC4372 Datasheet HTML 12Page - Analog Devices LTC4372 Datasheet HTML 13Page - Analog Devices LTC4372 Datasheet HTML 14Page - Analog Devices LTC4372 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4372/LTC4373
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
As the load current increases, GATE is driven higher and
higher until a point is reached where ∆VGATE reaches
the maximum overdrive that the internal charge pump is
capable of (∆VGATE(H)) but ∆VSD is still above 30mV. In
this situation, the internal charge pump will periodically
turn on to recharge GATE as needed to keep ∆VGATE
between ∆VGATE(H) and ∆VGATE(H) – 0.7V. ∆VSD is then
equal to RDS(ON) • ILOAD. There is now insignificant
ripple on OUT as the 0.7Vpk-pk ripple on ∆VGATE has
little effect on the MOSFET RON.
Achieving Low Average IQ
To lower average IQ in diode control mode when GATE
is high, the LTC4372/LTC4373 operate by turning on
the charge pump periodically. When in charge pump
sleep mode, the IQ is 3.5μA. Once the charge pump is
turned on to deliver a current pulse to GATE, IQ goes up
to 300μA. The average IQ will depend on how often the
charge pump is turned on and this is affected by GATE
leakage, GATE capacitance, OUT bypass capacitance and
ILOAD. To achieve the lowest possible average IQ, mini-
mize GATE leakage and ensure that GATE has a moderate
capacitance (>1nF). If the CGS of the MOSFET does not
already exceed this, add a 1nF capacitor between GATE
and SOURCE. CLOAD may be placed nearer to the load but
an OUT bypass capacitance of at least 10μF low ESR and
ESL electrolytic or ceramic is required close to the drain
pin of MOSFET M1 (see Figure 6a). Average IQ for Diode
Control mode can be estimated by Equation 1.
AVERAGEIQ = 3.5+
IGATE(LEAKAGE)
IGATE(UP)
• 300µA
(1)
The Typical Performance Characteristics section shows
relationship of IQ with IGATE(LEAKAGE) and ILOAD.
MOSFET Selection
The LTC4372/LTC4373 drive N-channel MOSFETs to
conduct the load current. The important character-
istics of the MOSFET are the gate threshold voltage
VGS(TH), the maximum drain-source voltage BVDSS and
on-resistance RDS(ON).
Gate drive is compatible with 4.5V logic-level MOSFETs
over the entire operating range of 2.5V to 80V. In applica-
tions with supply voltages above 5V, standard 10V thresh-
old MOSFETs may be used. An internal clamp limits the
gate drive to 16V maximum between GATE and SOURCE.
The maximum allowable drain-source voltage, BVDSS,
must be higher than the power supply voltage. If the input
is grounded, the full supply voltage will appear across the
MOSFET. If a reverse battery is possible and the output
is held up by a charged capacitor, battery or power sup-
ply, then the sum of the input and output voltages will
appear across the MOSFET and BVDSS must be higher
than VOUT+|VIN|.
The MOSFET’s on-resistance, RDS(ON), directly affects
the forward voltage drop and power dissipation during a
heavy load. Desired forward voltage drop (VFWD) should
be less than that of a diode for reduced power dissipa-
tion; 50mV is a good starting point. Since the LTC4372/
LTC4373 drop at least 30mV across the MOSFET, a very
low RDS(ON) may be wasted. Choose a MOSFET using
Equation 2.
RDS(ON) <
VFWD
ILOAD
(2)
The resulting power dissipation is shown in Equation 3.
Pd = ILOAD2 • RDS(ON)
(3)
Input Short-Circuit Faults
Input short-circuits that cause reverse current to flow can
occur in many ways. Some examples include PCB traces
getting accidentally shorted or bypass capacitors in the
upstream power supply failing shorted. The LTC4372/
LTC4373 utilize the external MOSFETs to add rugged input
short-circuit protection without utilizing large TVS clamps
or capacitors.
Figure  6a models a low impedance input short with a
switch. When the short-circuit switch closes, reverse cur-
rent builds up in LIN, LOUT and M1 in the direction shown.
The LTC4372/LTC4373 detect the reverse current quickly
and activate the internal 130mA GATE to SOURCE pull-
down current to turn M1 off. The reverse current build up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com