Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4359
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4372/LTC4373
10
Rev. 0
For more information www.analog.com
The LTC4372/LTC4373 operate from 2.5V to 80V and
withstands an absolute maximum range of –28V to 100V
without damage. In automotive applications the LTC4372/
LTC4373 can operate through load dump, cold crank and
two-battery jump starts, and survive reverse battery con-
nections while protecting the load.
A 12V/20A ideal diode application is shown in Figure 2.
The following sections cover power-on, ideal diode oper-
ation, shutdown and various faults that the LTC4372/
LTC4373 detect and act upon.
APPLICATIONS INFORMATION
Figure 2. 12V/20A Ideal Diode with Reverse Input Protection
Power-On and Ideal Diode Operation
When power is applied, the initial load current flows
through the body diode of the MOSFET M1. When IN
exceeds the UVLO level of 2.1V and SHDN is low or UV is
high, the LTC4372/LTC4373 begin operation. An internal
charge pump asserts a 20µA pull-up on GATE to enhance
the MOSFET. To achieve a low supply current, the LTC4372/
LTC4373 employ a pulsed control style of operation where
the internal charge pump is not always on. Instead, the
charge pump periodically wakes up to recharge GATE after
it droops from leakage to keep ∆VSD ≤ 30mV. This pulsed
control creates a voltage ripple at OUT even with a stable
DC load. The amplitude of this ripple is dependent on gate
leakage, GATE capacitance, the load condition and the size
of the bypass capacitance at OUT. At low load or no-load
condition, this ripple can increase to 30mVPK–PK. Figure 3
shows a typical OUT ripple at an ultralight ILOAD of 1µA
for the circuit shown in Figure 2.
With a moderate DC load, the ripple amplitude is about
10mVpk-pk. Figure 4 shows a typical OUT ripple at a mod-
erate ILOAD of 2A for the circuit shown in Figure 2.
Figure 3. Regulating ∆VSD at
Low ILOAD = 1µA
Figure 4. Regulating ∆VSD at
Moderate ILOAD = 2A
Figure 5. Regulating ∆VGATE at
High ILOAD = 16A
50ms/DIV
43723 F03
IN, OUT
20mV/DIV
IN, GATE
5V/DIV
12V
12V
IGATE(LEAKAGE) = 100nA
OUT
GATE
IN
IN
5ms/DIV
43723 F04
IN, OUT
20mV/DIV
IN, GATE
5V/DIV
12V
12V
IGATE(LEAKAGE) = 100nA
OUT
GATE
IN
IN
10ms/DIV
43723 F05
IN, OUT
20mV/DIV
IN, GATE
5V/DIV
12V
12V
IGATE(LEAKAGE) = 100nA
OUT
GATE
IN
IN
COUT
10F
C1
100nF
LTC4372
SHDN
GND
OUT
GATE
= 12V
SOURCE
IN
2UPU
INTVCC
43723 F01
VOUT
12V
20A
VIN
M1
BSC026N08NS5
Figure 5 shows a typical OUT ripple at an ILOAD of 16A for
the circuit shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com