Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4359
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC4372/LTC4373
17
Rev. 0
For more information www.analog.com
Figure 14. 48V Ideal Diode with Reverse Input Protection
Figure 15. Micropower 12V Surge Stopper with Ideal Diode
LTC4372
OUT
GATE
SOURCE
IN
VOUT
48V
5A
= ±48V
VIN
M1
IPB107N20N3G
COUT
10F
D2
SMAJ70A
70V
C4
100nF
100V
D3
SMAJ5A
5V
D1
SMAJ70A
70V
D4
SMAJ70A
70V
R7
2k
C3
1nF
R8
10k
43723 F14
GND
2UPU
SHDN
INTVCC
RGND
1k
C1
100nF
D5*
SMAJ60A
60V
M1
FDMS86101
D1
SMAJ60A
60V
VOUT
12V/2A
OUTPUT
CLAMPED
AT 27V
COUT
10µF
IN
2UPU
INTVCC
GND
SOURCE
LTC4372
GATE OUT
VIN
12V
WITHSTANDS
–28V TO 60V DC
M2
IRLR2908
R2
33
CL
22µF
CTMR
220nF
C3
47nF
C2
4.7µF
R1
10k
RDRN
100k
RSNS
20m
R3
10
DRN
VCC
ON
GND
TMR
SEL
43723 F15
SOURCE
LTC4380-2
GATE
OUT
SNS
SHDN
QUIESCENT CURRENT < 22µA FOR I-GRADE TEMPERATURE
*D5 IS NEEDED TO CLAMP TRANSIENTS IN CASE INPUT SHORT-CIRCUIT OCCURS AT VIN > 33V
RGND
1k
C1
100nF
D4
1N4148W
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com