Electronic Components Datasheet Search
  English  ▼

X  

AD4020 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4020
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4020 Datasheet HTML 28Page - Analog Devices AD4020 Datasheet HTML 29Page - Analog Devices AD4020 Datasheet HTML 30Page - Analog Devices AD4020 Datasheet HTML 31Page - Analog Devices AD4020 Datasheet HTML 32Page - Analog Devices AD4020 Datasheet HTML 33Page - Analog Devices AD4020 Datasheet HTML 34Page - Analog Devices AD4020 Datasheet HTML 35Page - Analog Devices AD4020 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 32 of 39
CS MODE, 3-WIRE WITH THE BUSY INDICATOR
This mode is typically used when a single AD4020/AD4021/
AD4022 device is connected to an SPI-compatible digital host
with an interrupt input (IRQ). The connection diagram is
shown in Figure 57, and the corresponding timing diagram is
shown in Figure 58.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable bit in the configuration
register to 0 (see Table 12). Turbo mode is disabled by default.
When performing conversions in this mode, SDI must be held
high. SDI can be connected to VIO if register reading and writing
is not required. A rising edge on CNV initiates a conversion and
forces SDO to high impedance. SDO remains high impedance
until the completion of the conversion, irrespective of the state of
CNV. Prior to the minimum conversion time, CNV can select
other SPI devices, such as analog multiplexers. However, CNV
must be returned low before the minimum conversion time
(tCONV) elapses and then held low for the maximum possible
conversion time to guarantee generating the busy signal indicator.
When the conversion is complete, the AD4020/AD4021/AD4022
then enter the acquisition phase and power down. There must not
be any digital activity on the SCK during the conversion.
When the conversion is complete, SDO is driven low. With a
pull-up resistor (for example, 1 kΩ) on the SDO line, this
transition can be used as an interrupt signal to initiate the data
reading controlled by the digital host. The data bits are then
clocked out MSB first on SDO by subsequent SCK falling edges.
The data is valid on both SCK edges. Although the rising edge
can capture the data, a digital host using the SCK falling edge
allows a faster reading rate, provided it has an acceptable hold
time, as dictated by tHSDO (see Table 2). The conversion result is
clocked out on SDO on the first 20 SCK falling edges. If the status
bits are enabled, they are clocked out on SDO on the 21st through
the 26th SCK falling edges (see the Status Bits section). SDO
returns to high impedance after an optional additional SCK
falling edge or the next CNV rising edge (whichever occurs first).
If multiple AD4020/AD4021/AD4022 devices are selected at the
same time, the SDO output pin handles this contention without
damage or induced latch-up. It is recommended to keep this
contention as short as possible to limit extra power dissipation.
SDI1
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
IRQ
VIO
1kΩ
AD4020/
AD4021/
AD4022
1SDI MUST BE CONNECTED TO THE DIGITAL HOST DATA OUT
TO WRITE TO THE CONFIGURATION REGISTER.
Figure 57. CS Mode, 3-Wire with Busy Indicator Connection Diagram
SDO
D19
D18
D1
D0
tDIS
SCK
12
3
19
20
21
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tQUIET2
Figure 58. CS Mode, 3-Wire with the Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com