Electronic Components Datasheet Search
  English  ▼

X  

AD4020 Datasheet(PDF) 22 Page - Analog Devices

Part # AD4020
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4020 Datasheet HTML 18Page - Analog Devices AD4020 Datasheet HTML 19Page - Analog Devices AD4020 Datasheet HTML 20Page - Analog Devices AD4020 Datasheet HTML 21Page - Analog Devices AD4020 Datasheet HTML 22Page - Analog Devices AD4020 Datasheet HTML 23Page - Analog Devices AD4020 Datasheet HTML 24Page - Analog Devices AD4020 Datasheet HTML 25Page - Analog Devices AD4020 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 22 of 39
Switched Capacitor Input
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 40 pF and
is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are open, the
input impedance is limited to CPIN. RIN and CIN make a single-
pole, low-pass filter that reduces undesirable aliasing effects and
limits noise.
RC Filter Values
The RC filter value (represented by R and C in Figure 40 to
Figure 42 and Figure 44) and driving amplifier can be selected
depending on the input signal bandwidth of interest at the full
throughput. Lower input signal bandwidth means that the RC
cutoff can be lower, thereby reducing noise into the converter.
For optimum performance at various throughputs, use the
recommended RC values (200 Ω, 180 pF) and the ADA4807-1.
The RC values in Table 10 are chosen for ease of drive considera-
tions and greater ADC input protection. The combination of a
large R value (200 Ω) and small C value results in a reduced
dynamic load for the amplifier to drive. The smaller value of C
means fewer stability and phase margin concerns with the
amplifier. The large value of R limits the current into the ADC
input when the amplifier output exceeds the ADC input range.
DRIVER AMPLIFIER CHOICE
Although the AD4020/AD4021/AD4022 are easy to drive, the
driver amplifier must meet the following requirements:
•
The noise generated by the driver amplifier must be kept
low enough to preserve the SNR and transition noise
performance of the AD4020/AD4021/AD4022. The noise
from the driver is filtered by the single-pole, low-pass filter
of the analog input circuit made by RIN and CIN, or by the
external filter, if one is used. Because the typical noise of
the AD4020/AD4021/AD4022 is 31.5 µV rms, the SNR
degradation due to the amplifier is the following:


+
=
−
2
2
)
(
2
π
31.5
31.5
log
20
N
dB
3
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in megahertz, of the AD4020/
AD4021/AD4022 (10 MHz) or the cutoff frequency of the
input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the operational
amplifier in nV/√Hz.
•
For ac applications, the driver must have a THD performance
commensurate with the AD4020/AD4021/AD4022.
•
For multichannel multiplexed applications, the driver
amplifier and the analog input circuit of the AD4020/
AD4021/AD4022 must settle for a full-scale step onto the
capacitor array at a 20-bit level (0.00001%, 1 ppm). In the
amplifier data sheets, settling at 0.1% to 0.01% is more
commonly specified. Settling at 0.1% to 0.01% can differ
significantly from the settling time at a 20-bit level and
must be verified prior to driver selection.
Table 10. RC Filter and Amplifier Selection for Various Input Bandwidths
Input Signal
Bandwidth (kHz)
R (Ω)
C (pF)
Recommended
Amplifier
Recommended Fully Differential
Amplifier
<10
See the High-Z Mode
section
See the High-Z Mode
section
See the High-Z Mode
section
ADA4940-1
<200
200
180
ADA4807-1
ADA4940-1
>200
200
120
ADA4897-1
ADA4932-1
Multiplexed
200
120
ADA4897-1
ADA4932-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com