Electronic Components Datasheet Search
  English  ▼

X  

LTC7871 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7871
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7871 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7871 Datasheet HTML 18Page - Analog Devices LTC7871 Datasheet HTML 19Page - Analog Devices LTC7871 Datasheet HTML 20Page - Analog Devices LTC7871 Datasheet HTML 21Page - Analog Devices LTC7871 Datasheet HTML 22Page - Analog Devices LTC7871 Datasheet HTML 23Page - Analog Devices LTC7871 Datasheet HTML 24Page - Analog Devices LTC7871 Datasheet HTML 25Page - Analog Devices LTC7871 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
LTC7871
22
Rev. 0
For more information www.analog.com
Upon removal of the short, VLOW soft starts using the
internal soft-start, thus reducing output overshoot. In
the absence of this feature, the output capacitors would
have been charged at current limit, and in applications
with minimal output capacitance this may have resulted
in output overshoot. Current limit foldback is not disabled
during an overcurrent recovery. The load must drop below
the folded back current limit threshold in order to restart
from a hard short.
In both buck and boost modes of operation, forcing a
voltage on the SETCUR pin regulates the average current.
Zero average inductor current can be obtained by forcing
0V on SETCUR.
The LTC7871 has additional overcurrent fault compara-
tors to monitor the current of each channel. If there is
any catastrophic failure in the system which causes one
or more channel’s inductor current to be higher than the
overcurrent fault threshold, all the channels will be shut
down and both the PWMEN and the FAULT pins will be
pulled down to SGND.
Another way to protect against overcurrent is to moni-
tor the IMON pin voltage. If the IMON voltage indicates
excessive current, an external circuit can be used to shut
down the system.
Inductor Value Calculation
Given the desired input and output voltages, the inductor
value and operating frequency, fOSC, directly determine
the inductor’s peak-to-peak ripple current:
IRIPPLE =
VLOW
VHIGH
VHIGH – VLOW
fOSC •L
⎛
⎝⎜
⎞
⎠⎟
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors, and output voltage
ripple. Thus, highest efficiency operation is obtained at
low frequency with a small ripple current. Achieving this,
however, requires a large inductor.
A reasonable starting point is to choose a ripple current
that is about 40% of the maximum inductor current. Note
that the largest ripple current occurs at the highest VHIGH
voltage. To guarantee that ripple current does not exceed
The R1 • C1 time constant should be selected such that:
L
RS
= 4 •R1•C1 for R1= 10 •R2
The R3 • C2 time constant should be selected such that:
R3 •C2
=
R1•R2
R1
+R2
•C1
If a 6.8μH inductor and a 1mΩ sense resistor are selected
and C1 and C2 are chosen to be 0.1µF, then the values for
R1, R2 and R3 will be 16.9k, 1.69k and 1.5k, respectively
when the nearest standard value is chosen.
Pre-Biased Output Start-Up
There may be situations that require the power supply to
start up with a prebias on the VLOW output capacitors. In
this case, it is desirable to start up without discharging
that output prebias. The LTC7871 can safely power up
into a prebiased output without discharging it.
The LTC7871 accomplishes this by disabling both the
top and bottom MOSFETs until the SS pin voltage and the
internal soft-start voltage are above the VFBLOW pin volt-
age. When VFBLOW is higher than SS or the internal soft-
start voltage, the error amp output is parked at its zero
current level. Disabling both top and bottom MOSFETs
prevents the prebiased output voltage from being dis-
charged. When SS and the internal soft-start both cross
1.32V or VFBLOW, whichever is lower, both top and bottom
MOSFETs are enabled.
Overcurrent Fault Protection
In the buck mode, when the output of the power supply
is loaded beyond its preset current limit, the regulated
output voltage will collapse depending on the load. The
VLOW rail may be shorted to ground through a very low
impedance path or it may be a resistive short, in which
case the output will collapse partially, until the load cur-
rent equals the preset current limit. The controller will
continue to source current into the short. The amount of
current sourced depends on the ILIM pin setting and the
VFBLOW voltage as shown in the Current Foldback graph
in the Typical Performance Characteristics section.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com