Electronic Components Datasheet Search
  English  ▼

X  

LTC7871 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7871
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7871 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7871 Datasheet HTML 24Page - Analog Devices LTC7871 Datasheet HTML 25Page - Analog Devices LTC7871 Datasheet HTML 26Page - Analog Devices LTC7871 Datasheet HTML 27Page - Analog Devices LTC7871 Datasheet HTML 28Page - Analog Devices LTC7871 Datasheet HTML 29Page - Analog Devices LTC7871 Datasheet HTML 30Page - Analog Devices LTC7871 Datasheet HTML 31Page - Analog Devices LTC7871 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
LTC7871
28
Rev. 0
For more information www.analog.com
If the external clock frequency is greater than the inter-
nal oscillator’s frequency, fOSC, then current is sourced
continuously from the phase detector output, pulling up
the filter network. When the external clock frequency is
less than fOSC, current is sunk continuously, pulling down
the filter network. If the external and internal frequencies
are the same but exhibit a phase difference, the current
sources turn on for an amount of time corresponding to
the phase difference. The voltage on the filter network is
adjusted until the phase and frequency of the internal and
external oscillators are identical. At the stable operating
point, the phase detector output is high impedance and
the filter capacitor holds the voltage.
Typically, the external clock (on the SYNC pin) input high
threshold is 2V, while the input low threshold is 1.2V. The
LTC7871 switching frequency is determined by:
Frequency = VFREQ • 414kHz/V – 163.5kHz
where, VFREQ = IFREQ (from spec table) • RFREQ
Or,
Frequency = RFREQ • 8.28kHz/kΩ– 163.5kHz
This assumes a perfect 20μA IFREQ.
Shared Pin Connections in Multichip Applications
When multiple LTC7871 ICs are used together in high cur-
rent applications, the customer may or may not connect
certain pins together, balancing better communication
between the ICs versus avoiding a single point failure.
The CLKOUT pin allows multiple LTC7871s to be daisy
chained together. The clock output signal on the CLKOUT
pin can be used to synchronize additional ICs in a multi-
phase power supply solution feeding a single high current
output, or even several outputs from the same input supply.
The SS and PWMEN pins should be tied together to enable
every LTC7871 IC to start up together. Not connecting
them together may result in some phases sourcing a lot
of current and others sinking current.
The IMON pins may or may not be tied together, depend-
ing on whether the customer wants to monitor the
average current per IC or the total average current in
the application.
flowing out of the FREQ pin. This allows the user to use
a single resistor to SGND to set the switching frequency
when no external clock is applied to the SYNC pin. The
internal switch between the FREQ pin and the integrated
PLL filter network is on, allowing the filter network to be
pre-charged at the same voltage as of the FREQ pin. The
relationship between the voltage on the FREQ pin and
operating frequency is shown in Figure 7 and specified in
the Electrical Characteristics table. If an external clock is
detected on the SYNC pin, the internal switch mentioned
above turns off and isolates the influence of the FREQ
pin. Note that the LTC7871 can only be synchronized to
an external clock whose frequency is within range of the
LTC7871’s internal VCO. A simplified block diagram is
shown in Figure 8.
Figure 7.
VFREQ (V)
0
0.5
1
1.5
2
2.5
3
0
200
400
600
800
1000
7871 F07
Relationship Between Oscillator Frequency
and Voltage at the FREQ Pin
Figure 8.
DIGITAL
PHASE/
FREQUENCY
DETECTOR
VCO
2.4V 5V
20µA
RFREQ
7871 F08
FREQ
SYNC
EXTERNAL
OSCILLATOR
SYNC
DIGITAL
PHASE/
FREQUENCY
DETECTOR
VCO
2.4V 5V
20µA
RFREQ
7871 F08
FREQ
SYNC
EXTERNAL
OSCILLATOR
SYNC
Phase-Locked Loop Block Diagram
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com