Electronic Components Datasheet Search
  English  ▼

X  

LTM8083 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices LTM8083 Datasheet HTML 19Page - Analog Devices LTM8083 Datasheet HTML 20Page - Analog Devices LTM8083 Datasheet HTML 21Page - Analog Devices LTM8083 Datasheet HTML 22Page - Analog Devices LTM8083 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM8083
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
PC Board Layout Checklist/Examples
The high integration of LTM8083 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capac-
itors next to the VIN, GND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• The ground plane layer should not have any traces.
• Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of module. Connect the copper areas to GND
• Keep separation between SYNC and RT pin traces to
minimize noise due to crosstalk between these signals.
• Route ISP and ISN traces together with minimum PCB
trace spacing. Avoid sense lines passing through noisy
areas, such as switch nodes. Ensure accurate current
sensing with Kelvin connections at the current sense
resistor.
• Connect the optional VC pin compensation capacitor
close to the module, between VC and the signal ground.
The capacitor helps to filter the effects of PCB noise
and output voltage ripple voltage from the compensa-
tion loop.
Figure 22 gives a good example of the recommended
layout.
Table 6. Output Voltage Response vs Component Matrix (Refer to Figure 23)
COUT
PART NUMBER
VALUE
MURATA
GCM32EC71H106KA03
10µF, 50V, 1210, X7S
VIN
(V)
VOUT
(V)
fSW (MHz)
COUT
(CER CAP)
COMPENSATION
LOAD STEP (A)
LOAD STEP RISING
AND FALLING TIME
(µs)
PK-PK
DEVIATION
(mV)
RECOVERY
TIME
(μs)
3.3
5
1, See Note
10µF
Internal
0 – 0.375
1
640
150
5
5
1
10µF
Internal
0 – 0.375
1
280
75
12
5
1
10µF
Internal
0 – 0.375
1
150
100
36
5
1
10µF
Internal
0 – 0.375
1
320
150
6
12
1
10µF
Internal
0 – 0.375
1
440
170
12
12
1
10µF
Internal
0 – 0.375
1
440
230
24
12
1
10µF
Internal
0 – 0.375
1
350
200
36
12
1
10µF
Internal
0 – 0.375
1
340
200
18
36
1
10µF
Internal
0 – 0.375
1
1600
200
36
36
1
10µF
Internal
0 – 0.375
1
2000
220
Note: Use 40.2kΩ RT resistor to set switching frequency at 1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com