Electronic Components Datasheet Search
  English  ▼

X  

MI50 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # MI50
Description  Optimized Deep Learning Operations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MI50 Datasheet(HTML) 2 Page - Advanced Micro Devices

  MI50 Datasheet HTML 1Page - Advanced Micro Devices MI50 Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2019 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD Arrow logo, Radeon, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Thunderbolt is a trademark of Intel Corporation
or its subsidiaries in the U.S. and/or other countries. Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
1. As of Jun 19, 2019. Radeon Instinct™ MI50 and MI60 “Vega 7nm” technology-based accelerators support PCIe® Gen 4.0 providing up to 64 GB/s peak theoretical transport data bandwidth from CPU to GPU per card. Previous Gen Radeon
Instinct compute GPU cards are based on PCIe Gen 3.0 providing up to 32 GB/s peak theoretical transport rate bandwidth performance. Peak theoretical transport rate performance is calculated by Baud Rate * width in bytes *# directions =
GB/s per card. PCIe Gen3: 8 * 2 * 2 = 32 GB/s. PCIe Gen4: 16 * 2 * 2 = 64 GB/s.
Radeon Instinct™ MI50 and MI60 “Vega 7nm” technology-based accelerators include dual Infinity Fabric™ Links providing up to 184 GB/s peak theoretical GPU to GPU or Peer-to-Peer (P2P) transport rate bandwidth performance per GPU
card. Combined with PCIe Gen 4 compatibility providing an aggregate GPU card I/O peak bandwidth of up to 248 GB/s. Performance guidelines are estimated only and may vary. Previous Gen Radeon Instinct compute GPU cards provide up
to 32 GB/s peak PCIe Gen 3.0 bandwidth performance. Infinity Fabric Link technology peak theoretical transport rate performance is calculated by Baud Rate * width in bytes *# directions *# links = GB/s per card. Infinity Fabric Link: 23 * 2
* 2 = 92 GB/s. MI50 |MI60 each have two links: 92 GB/s * 2 links per GPU = 184 GB/s. Refer to server manufacture PCIe Gen 4.0 compatibility and performance guidelines for potential peak performance of the specified server model numbers.
Server manufacturers may vary configuration offerings yielding different results. https://pcisig.com/ , https://www.chipestimate.com/PCI-Ex- press-Gen-4-a-Big-Pipe-for-Big-Data/Cadence/Technical-Article/2014/04/15 , https://www.
tomshardware.com/news/pcie-4.0-power-speed-express,32525.html AMD has not independently tested or verified external/third party results/data and bears no responsibility for any errors or omissions therein. RIV-18
2. Works with PCIe® Gen 4.0 and Gen 3.0 compliant motherboards. Performance may vary from motherboard to motherboard. Refer to system or motherboard provider for individual product performance and features.
3. ECC support on 2nd Gen Radeon Instinct™ GPU cards, based on the “Vega 7nm” technology has been extended to full-chip ECC including HBM2 memory and internal GPU structures.
4. Expanded RAS (Reliability, availability and serviceability) attributes have been added to AMD’s 2nd Gen Radeon Instinct™ Vega 7nm technology-based GPU cards and their supporting ecosystem including software, firmware and system
level features. AMD’s remote manageability capabilities using advanced out-of-band circuitry allow for easier GPU monitoring via I2C, regardless of the GPU state. For full system RAS capabilities, refer to the system manufacturer’s
guidelines for specific system models.
5. The Radeon Instinct GPU accelerator products come with a three-year limited warranty. Please visit www.AMD.com/warranty for warranty details on the specific graphics products purchased.Toll-free phone service available in the U.S.
and Canada only, email access is global.
© 2020 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD Arrow logo, Radeon, Radeon Instinct, Infinity Fabric, and combinations thereof are trademarks of Advanced Micro Devices, Inc. OpenCL is a trademark of Apple Inc.
used by permission by Khronos. PCIe and PCI Express are registered trademarks of PCI-SIG Corporation. Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
ROCm Open Ecosystem
The ROCm Open eCosystem, is an open-source HPC/Hyperscale-class platform for GPU computing
that’s also programming-language independent. ROCm brings choice, minimalism and modular
software development to GPU computing.
Deep Learning and HPC Applications
Cloud / Hyperscale
Financial Services
Energy
Life Sciences
Automotive
HPC
Open Programing Languages
OpenMP, HIP, OpenCL and Python
Key Features
PERFORMANCE
Compute Units
Stream Processors
Peak INT8
Peak FP16
Peak FP32
Peak FP64
Bus Interface
60
3,840
Up to 53.6 TOPS
Up to 26.5 TFLOPS
Up to 13.3 TFLOPS
Up to 6.6 TFLOPS
PCIe®Gen 3 and Gen 4 Supported2
MEMORY
Memory Size
Memory Interface
Memory Clock
Memory Band-
width
16GB or 32GB HBM2
4,096-Bits
1 GHz
Up to 1 TB/s
RELIABILITY
ECC (Full-chip)
RAS Support
Yes3
Yes4
SCALABILITY
Infinity Fabric Links
OS Support
ROCm Compatible
2
Linux® 64-bit
Yes
BOARD DESIGN
Board Form Factor
Length
Thermal
Max Power
Warranty
Full-Height, Dual Slot
10.5” Long
Passively Cooled
300W TDP
Three Year Limited5
For More Information Visit:
AMD.com/INSTINCT, AMD.com/ROCm and AMD.com/HPC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com