Electronic Components Datasheet Search
  English  ▼

X  

MI50 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # MI50
Description  Optimized Deep Learning Operations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MI50 Datasheet(HTML) 1 Page - Advanced Micro Devices

  MI50 Datasheet HTML 1Page - Advanced Micro Devices MI50 Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The AMD Radeon Instinct™ MI50 server accelerator designed on the world’s First 7nm FinFET technology process brings customers
a full-feature set based on the industry’s newest technologies. The MI50 is AMD’s workhorse accelerator offering that is ideal
for large scale deep learning. Delivering up to 26.5 TFLOPS of native half-precision (FP16) or up to 13.3 TFLOPS single-precision
(FP32) peak floating point performance and INT8 support and combined with 16GB or 32GB of high-bandwidth HBM2 ECC memory,
the AMD Radeon Instinct™ MI50 brings customers finely balanced performance needed for enterprise-class, mid-range compute
capable of training complex neural networks for a variety of demanding deep learning applications in a cost-effective design
Combine this outstanding performance with the MI50’s advanced I/O capabilities, with support for PCIe® Gen 4 technology and the
addition of AMD’s dual Infinity Fabric™ Link technology providing up to 248 GB/s of aggregate GPU data transfer bandwidth1; and
the advanced efficiencies achieved with the use of AMD’s 2nd Gen “Vega” 7nm technology; and you truly have one of the markets’
most advanced, working-class server GPUs available for a variety of deep learning, cloud and general purpose HPC.
AMD RADEON
INSTINCT™ MI50
UNLEASH DISCOVERY
Optimized Deep Learning Operations
Optimized Deep Learning Operations with flexible mixed-
precision
FP16, FP32, INT8 & INT4 capabilities bring customers
supercharged compute performance to meet today’s demanding
system requirements of handling large data efficiently for
training complex neural networks and running inference against
those networks used in deep learning.
AMD Infinity Fabric Link
Two Infinity Fabric Links per GPU for high speed
Direct-Connect GPU hives delivering up to
184 GB/s GPU
theoretical peer-to-peer bandwidth – 4.75x faster than
using PCIe 3.0 alone.1
Rapid FP64 Performance for HPC Workloads
The Radeon Instinct MI50 delivers great double precision
performance with up to
6.6 TFLOPS FP64 performance, enabling
scientists and researchers across the globe to more efficiently
process HPC parallel codes across several industries including
life sciences, energy, finance, automotive and aerospace,
academics, government, defense and more.
Ultra-Fast HBM2 Memory
With 16GB or 32GB HBM2 memory utilizing a four-stack
memory configuration, the new
AMD Radeon Instinct MI50
delivers ultra-high memory bandwidth with up to
1 TB/s
memory bandwidth.
AMD Radeon Instinct MI50 Ready Servers
Product: Altus XE4218GT
Form Factor: 4U/2P/8GPU/PCIe
Gen 4 + Switch
Specs: 2x 2nd Gen AMD
EPYC™ Processors + 8x
AMD Radeon Instinct™
MI50 GPU accelerators
Product: G292-Z20
Form Factor: 2U/1P/8GPU/PCIe
Gen 4 + Switch
Specs: 1x 2nd Gen AMD
EPYC™ Processor + 8x
AMD Radeon Instinct™
MI50 GPU accelerators
Product: G292-Z40
Form Factor: 2U/2P/8GPU/PCIe
Gen 4 + Switch
Specs: 2x 2nd Gen AMD
EPYC™ Processors + 8x
AMD Radeon Instinct™
MI50 GPU accelerators
Product: G482-Z52
Form Factor: 4U/2P/8GPU/PCIe
Gen 4
Specs: 2x 2nd Gen AMD
EPYC™ Processors + 8x
AMD Radeon Instinct™
MI50 GPU accelerators
Product: G482-Z51
Form Factor: 4U/2P/8GPU/PCIe
Gen 4
Specs: 2x 2nd Gen AMD
EPYC™ Processors + 8x
AMD Radeon Instinct™
MI50 GPU accelerators


Similar Part No. - MI50

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MI5001 MICROSEMI-MI5001 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
MI5001-18 MICROSEMI-MI5001-18 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
MI5003-18 MICROSEMI-MI5003-18 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
MI5004-18 MICROSEMI-MI5004-18 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
MI5022-18 MICROSEMI-MI5022-18 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
More results

Similar Description - MI50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
logo
Level One
GTL-2881 LVL1-GTL-2881 Datasheet
402Kb / 4P
Support Operations
GTL-2882 LVL1-GTL-2882 Datasheet
436Kb / 4P
Support Operations
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
logo
Analog Devices
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
ADALM1000 Active Learning Module
logo
Ultralife Corporation.
CS0032 ULTRALIFE-CS0032 Datasheet
463Kb / 2P
Covert operations
28 AUG 15 Rev B
CS0033 ULTRALIFE-CS0033 Datasheet
420Kb / 2P
Covert operations
27 AUG 15 Rev B
CS0034 ULTRALIFE-CS0034 Datasheet
289Kb / 2P
Covert Operations
09 SEP 20 Rev C
logo
SparkFun Electronics
KIT-11470 SPARKFUN-KIT-11470 Datasheet
214Kb / 2P
Qtechknow ArduSensor Learning Kit
8/5/2016
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
LEARNING DECODER
2008-09-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com