Electronic Components Datasheet Search
  English  ▼

X  

MI25 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # MI25
Description  Industry Leading Performance for Deep Learning1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MI25 Datasheet(HTML) 2 Page - Advanced Micro Devices

  MI25 Datasheet HTML 1Page - Advanced Micro Devices MI25 Datasheet HTML 2Page - Advanced Micro Devices MI25 Datasheet HTML 3Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NEXT-GEN “VEGA” ARCHITECTURE WITH THE
WORLD’S MOST ADVANCED MEMORY ARCHITECTURE
World’s most advanced GPU compute engine
and memory architecture built with cutting-
edge 14nm FinFET process, purpose-built
to handle big data sets and a diverse range of
computational workloads.
The Radeon Instinct MI25 accelerator brings in a new era of compute for the datacenter with its
Next-Gen “Vega” architecture delivering superior compute performance via its powerful parallel
compute engine and Next-Gen programmable geometry pipeline improving processing efficiencies,
while delivering 2x peak throughput-per-clock over previous Radeon architectures.6 The Radeon
Instinct MI25 provides increased performance density, while decreasing energy consumption per
operation making it the perfect solution for today’s demanding workloads in the datacenter.
The Radeon Instinct MI25 design is a passively-
cooled accelerator design for large-scale server
deployments.
The Radeon Instinct MI25 accelerator has
advanced out-of-band manageability circuitry
for simplified GPU monitoring in large scale
systems. The MI25’s manageability capabilities
provide accessibility via I2C, regardless of
what state the GPU is in, providing advanced
monitoring of a range of static and dynamic
GPU information using PMCI compliant data
structures including board part detail, serial
numbers, GPU temperature, power and other
information.
NEXT-GEN “VEGA”
ARCHITECTURE
PASSIVELY
COOLED
REMOTE MANAGEABILITY
CAPABILITIES
Combined with AMD’s state of the art Infinity
Memory Engine with a newly designed High
Bandwidth Cache (HBC) and controller, the
MI25 GPU has 16GB of latest HBM2 ECC3GPU
memory with 484 GB/s of memory bandwidth.
HBM2: ULTRA-HIGH
MEMORY BANDWIDTH
LEADERSHIP IN FP16 & FP32 PERFORMANCE1
AMD’s ROCm platform provides a scalable,
fully open source software platform optimized
for large-scale heterogeneous system
deployments with an open source headless
Linux driver, HCC compiler, rich runtime based
on HSA, tools and libraries.
ROCm OPEN SOFTWARE
PLATFORM
Design support for AMD’s MxGPU SR-IOV
hardware virtualization technology, the
Radeon Instinct MI25 provides a VDI solution
with dedicated user GPU resources, data
security and version control. Plus, a cost
effective licensing model with no additional
hardware licensing fees, and a simplified native
driver model ensuring operating system and
application compatibility.
MxGPU SR-IOV HARDWARE
VIRTUALIZATION
©2017 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD arrow logo, Radeon, and combinations thereof, are trademarks of Advanced Micro Devices, Inc.
All other product names are for reference only and may be trademarks of their respective owners. “Vega” and “Vega 10” are internal architecture code names and not products.
For more information, visit:
Radeon.com/Instinct
ROCm.github.io
Up to 1.3x More FP16 TFLOPS
Up to 1.3x More FP32 TFLOPS
Nvidia Tesla P100-16
Radeon Instinct MI25
18.7
24.5
Peak FP16 TFLOPS
Nvidia Tesla P100-16
Radeon Instinct MI25
9.3
12.3
Peak FP32 TFLOPS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com