Electronic Components Datasheet Search
  English  ▼

X  

MI25 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # MI25
Description  Industry Leading Performance for Deep Learning1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MI25 Datasheet(HTML) 1 Page - Advanced Micro Devices

  MI25 Datasheet HTML 1Page - Advanced Micro Devices MI25 Datasheet HTML 2Page - Advanced Micro Devices MI25 Datasheet HTML 3Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THE WORLD’S FASTEST TRAINING ACCELERATOR
FOR MACHINE INTELLIGENCE AND DEEP LEARNING1
The Radeon Instinct™ MI25 accelerator, designed with the most
advanced Next-Gen “Vega” GPU architecture, is the ultimate
training accelerator for large scale machine intelligence and
deep learning, along with being an optimized open compute
workhorse for single-precision HPC-class system workloads.
The MI25 delivers leadership in FP16 and FP32 performance in
a passively-cooled single GPU server card with 24.6 TFLOPS of
FP16 and 12.3 TFLOPS of FP32 peak performance through its 64
compute units with 4,096 stream processors.1
The Radeon Instinct MI25’s powerful compute engine and
advanced memory architecture, combined with AMD’s ROCm
open software platform and ecosystem, provides a powerful,
flexible heterogeneous compute solution that allows datacenter
designers to meet the challenges of a new era of compute and
Machine Intelligence.
The Next Era of Compute and Machine Intelligence
Highlights
• Industry Leading Performance for Deep Learning1
• Next-Gen “Vega” Architecture
• Advanced Memory Engine
• Large BAR Support for Multi-GPU Peer to Peer
• ROCm Open Software Platform for Rack Scale
• Optimized MIOpen Libraries for Deep Learning
• MxGPU Hardware Virtualization
Key Features
GPU Architecture:
AMD “Vega10”
Stream Processors:
4,096
GPU Memory:
16GB HBM2
Memory Bandwidth:
Up to 484 GB/s
Performance:
Half-Precision (FP16)
24.6 TFLOPS
Single-Precision (FP32)
12.3 TFLOPS
Double-Precision (FP64)
768 GFLOPS
ECC:
Yes3
MxGPU Capability:
Yes
Board Form Factor:
Full-Height, Duel-Slot
Length:
10.5”
Thermal Solution:
Passively Cooled
Standard Max Power:
300W TDP
AMD’s Radeon Instinct™ MI25, combined with
the ROCm open software platform and MIOpen
libraries, delivers superior performance per
watt for deep learning training deployments in
the datacenter.2
OS Support:
Linux® 64-bit
ROCm Software Platform:
Yes
Programing Environment:
ISO C++, OpenCL™, CUDA (via AMD’s HIP conversion tool)
and Python5 (via Anaconda’s NUMBA)
For more information, visit: Radeon.com/Instinct
Bus Interface:
PCIe® Gen 3 x16
Superior Performance Per Watt
Nvidia Tesla P100-SMX2
Nvidia Tesla P100-16
71
75
Peak FP16 GFLOPS/Watt
Radeon Instinct MI25
82
Warranty:
Three Year Limited4
Note: “Vega 10” is an internal codename only


Similar Part No. - MI25

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI25

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
Leading the Industry in High-Performance System Test
logo
Actel Corporation
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
Leading Edge Performance
logo
Lumileds Lighting Compa...
DS109 LUMILEDS-DS109 Datasheet
1Mb / 17P
Industry-leading solutions for turn applications
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
Industry-leading solutions for turn applications
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
logo
Intel Corporation
XL710 INTEL-XL710 Datasheet
727Kb / 4P
Industry-leading, energy-efficient design for 10/40GbE performance and multi-core processors
logo
Diodes Incorporated
DMTH4M70SPGWQ DIODES-DMTH4M70SPGWQ Datasheet
674Kb / 2P
First PowerDI8080-Packaged 40V MOSFET Delivers Industry-Leading Performance
logo
WOLFSPEED, INC.
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com