Electronic Components Datasheet Search
  English  ▼

X  

ST2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST2010
Description  20-INCH WIDESCREEN FLAT PANEL MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20-INCH WIDESCREEN FLAT
PANEL MONITOR
Dell ST2010 offers the consumer the best of both worlds in terms of style and functionality. This
gorgeous monitor offers nice design touches to complement any home décor and delivers the
high quality performance required for multimedia applications.
With a 16:9 aspect High Definition 1600x900 resolution and 1000:1 (typical) contrast ratio, the
ST2010 offers excellent image quality with good sharpness and color reproduction. The VGA
connector provides connectivity to a vast majority of computers, while HDMI enables high quality
connectivity to most consumer electronic devices for playback of rich digital high definition content.
The ST2010 is a solid performer in many areas and it further impresses with a relatively low power
consumption. Thanks to the intelligent design using a 2 lamp direct backlight system, the monitor is
able to achieve as much as 25% energy savings compared to similar sized monitors using traditional
4 lamps in the market today1.
Photo-editing, movie buffs and any gamer looking for a multimedia monitor with excellent
performance, low power consumption, easy digital connectivity and plenty of style will find that the
Dell ST2010 meets all these criteria in spades .
Inspired by You, Designed by Dell.
Inspired by You, Designed by Dell.
• 17% more viewable screen area2, 37% more pixel content3 versus the Dell S1909W 18.5” widescreen monitor.
• Enjoy movies, videos and games in 16:9 & better-than-720p 1600 x 900 resolution on the 20” widescreen.
• Relish fast-moving movie scenes & graphics in vibrant clarity enabled by the fast 5ms (typical) response time.
• See breathtaking detail, color contrast and rich deep blacks delivered by the 1000:1 (typical) contrast ratio.
• Enjoy hours of comfortable movie/media viewing with an onscreen brightness of 250cd/m² (typical).
• HDMI connectors ensure high quality display of digital content. The VGA connector enables another easy way to
link up to a computer.
• Experience superb audio by adding the optional Dell AY511 multimedia sound-bar.
• Slim, stylish bezel design fits most home environments and desktop/laptop computers.
• Tilt capability of 4 forward and 21 backward, helping enable optimal comfort and convenience
for a wide range of users.
See Important Information on next page


Similar Part No. - ST2010

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST20100 SMC-ST20100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST20100 SMCDIODE-ST20100 Datasheet
440Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Shanghai Shunye Electro...
ST20100 SHUNYE-ST20100 Datasheet
1Mb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Littelfuse
ST20100B LITTELFUSE-ST20100B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
Sangdest Microelectroni...
ST20100C SMC-ST20100C Datasheet
203Kb / 8P
SCHOTTKY RECTIFIER
More results

Similar Description - ST2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68520XF ETC1-NT68520XF Datasheet
583Kb / 97P
XGA,SXGA Flat Panel Monitor Controller
logo
Axiomtek Co., Ltd.
P6103WPC-AC-U-US-EU AXIOMTEK-P6103WPC-AC-U-US-EU Datasheet
375Kb / 3P
10.1 WXGA TFT Widescreen Industrial LCD Monitor
P6103W AXIOMTEK-P6103W Datasheet
374Kb / 2P
10.1 WXGA TFT Widescreen Industrial LCD Monitor
P6157W AXIOMTEK-P6157W_17 Datasheet
284Kb / 2P
15.6 WXGA TFT Widescreen Industrial LCD Monitor
P6157W-V2 AXIOMTEK-P6157W-V2 Datasheet
366Kb / 2P
15.6 WXGA TFT Widescreen Industrial LCD Monitor
P6187W AXIOMTEK-P6187W_17 Datasheet
273Kb / 2P
18.5 WXGA TFT Widescreen Industrial LCD Monitor
P6187W-V2 AXIOMTEK-P6187W-V2_17 Datasheet
350Kb / 2P
18.5 WXGA TFT Widescreen Industrial LCD Monitor
P6217W AXIOMTEK-P6217W_17 Datasheet
319Kb / 2P
21.5 FHD TFT Widescreen Industrial LCD Monitor
logo
PHOENIX CONTACT
BL-FPM PHOENIX-BL-FPM Datasheet
243Kb / 5P
Flat-panel monitor for the industrial environment
2913015 PHOENIX-2913015 Datasheet
2Mb / 9P
Flat panel monitor for the industrial environment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com