Electronic Components Datasheet Search
  English  ▼

X  

ST2010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST2010
Description  20-INCH WIDESCREEN FLAT PANEL MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST2010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
! " # $ %
&' &
( '(%
Why Dell Monitors?
TECHNOLOGY LEADERSHIP
Dell consistently strives to provide the greatest
and latest in display innovations, bringing
relevant, customer-driven technology to you for
a superb viewing experience.
UNCOMPROMISING VALUE
Dell monitors are designed to exacting
standards and manufactured by some of the
world’s foremost suppliers, consistently
delivering outstanding performance, quality and
reliability.
WORLD CLASS SERVICE & SUPPORT
Enjoy the exceptional service and support that
you have come to expect from the Dell brand.
We provide accountability, a single point of
contact and the peace of mind of purchasing
from a stable and reliable technology partner.
Viewable Image Size
(measured diagonally)
20” widescreen
Preset Display Area
442.8mm (horizontal), 249.1mm (vertical)
17.43” (horizontal), 9.81” (vertical)
Maximum Resolution
1600 x 900
Pixel Pitch
0.2768mm
Brightness (Typical)
250cd/m²
Color Gamut (Typical)
83%4
Contrast Ratio (Typical)
1000:1
Viewing Angle (Typical)
160 (horizontal) / 160 (vertical)
Response Time (Typical)
5ms
Panel Type, Surface
Anti-glare
Available Connectors
VGA (Analog), HDMI
Tilt
Yes
Security
Port for security cable lock
"
AC input voltage/frequency/current
100 to 240 VAC / 50Hz or 60Hz + 3Hz / 2.0A (Max.)
Power Consumption (normal)
20W (typical)
Power Saving Mode
<1W
Physical Dimension with Stand
(H x W x D)
362.3mm x 491.0mm x 193.5mm
(14.27” x 19.33” x 7.62”)
Dell recommends that customers dispose
of their used computer hardware, including
monitors, in an environmentally sound
manner. Potential methods include reuse of parts or
whole products and recycling of product, components
and/or materials. For more information, please visit
http://dell.com/recycling_programs
and www.dell.com/environment
1
Energy savings based on power consumption comparison to Dell S2009W with monitors set to 200 nits brightness.
2
17% more viewable screen area : Based on the ST2010 viewable screen area of 110,301.48 sq-mm versus the S1909W viewable screen area of
94417.9 sq-mm.
3
37% more pixel content : Based on the ST2010 resolution of 1600x900 and pixel count of 1,440,000 versus the S1909W resolution of 1366x768 and
pixel count of 1,049,088.
4
ST2010 Color Gamut (Typical) is based on CIE1976 (83%) and CIE1931 (72%) test standards.
5
Advanced Exchange Service: Replacement part or unit will be dispatched if necessary following phone-based troubleshooting in advance of receipt
of returned defective unit. Subject to parts availability, geographical restrictions and terms of service contract. Service timing dependent upon time of
day call placed to Dell. Defective unit must be returned. Replacements may be refurbished except where prohibited by local laws.
6
Limited Hardware Warranty: For a copy of the Limited Hardware Warranty, write Dell USA LP, Attn: Warranties, One Dell Way, Round Rock, TX
78682 or see www.dell.com/warranty.
(H x W x D)
(14.27” x 19.33” x 7.62”)
"
Weight with Stand Assembly and
Cables, Weight of Stand Assembly
4.598kg (10.14lbs.), 0.308kg (0.68lbs.)
Weight with Packaging
5.475kg (12.07lbs.)
$) % # *+
(,-
$ .
# *+
-
http://dell.com/recycling_programs
and www.dell.com/environment
"
1 Years Advanced Exchange Service5 and Limited Hardware Warranty6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com