Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28076 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28076
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320F28076 Datasheet HTML 48Page - Texas Instruments TMS320F28076 Datasheet HTML 49Page - Texas Instruments TMS320F28076 Datasheet HTML 50Page - Texas Instruments TMS320F28076 Datasheet HTML 51Page - Texas Instruments TMS320F28076 Datasheet HTML 52Page - Texas Instruments TMS320F28076 Datasheet HTML 53Page - Texas Instruments TMS320F28076 Datasheet HTML 54Page - Texas Instruments TMS320F28076 Datasheet HTML 55Page - Texas Instruments TMS320F28076 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
7.9.3.4 Crystal Oscillator
When using a quartz crystal, it may be necessary to include a damping resistor (RD) in the crystal circuit to
prevent over-driving the crystal (drive level can be found in the crystal data sheet). In higher-frequency
applications (10 MHz or greater), RD is generally not required. If a damping resistor is required, RD should be as
small as possible because the size of the resistance affects start-up time (smaller RD = faster start-up time). TI
recommends that the crystal manufacturer characterize the crystal with the application board. Section 7.9.3.4.1
shows the crystal oscillator parameters. Table 7-3 shows the crystal equivalent series resistance (ESR)
requirements. Section 7.9.3.4.2 shows the crystal oscillator electrical characteristics.
7.9.3.4.1 Crystal Oscillator Parameters
MIN
MAX
UNIT
CL1, CL2
Load capacitance
12
24
pF
C0
Crystal shunt capacitance
7
pF
Table 7-3. Crystal Equivalent Series Resistance (ESR) Requirements
CRYSTAL FREQUENCY (MHz)
(1) (2)
MAXIMUM ESR (Ω)
(CL1 = CL2 = 12 pF)
MAXIMUM ESR (Ω)
(CL1 = CL2 = 24 pF)
10
55
110
12
50
95
14
50
90
16
45
75
18
45
65
20
45
50
(1)
Crystal shunt capacitance (C0) should be less than or equal to 7 pF.
(2)
ESR = Negative Resistance/3
7.9.3.4.2 Crystal Oscillator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up time(1)
f = 20 MHz
ESR MAX = 50 Ω
CL1 = CL2 = 24 pF
C0 = 7 pF
2
ms
Crystal drive level (DL)
1
mW
(1)
Start-up time is dependent on the crystal and tank circuit components. TI recommends that the crystal vendor characterize the
application with the chosen crystal.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com