Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28076 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28076
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320F28076 Datasheet HTML 21Page - Texas Instruments TMS320F28076 Datasheet HTML 22Page - Texas Instruments TMS320F28076 Datasheet HTML 23Page - Texas Instruments TMS320F28076 Datasheet HTML 24Page - Texas Instruments TMS320F28076 Datasheet HTML 25Page - Texas Instruments TMS320F28076 Datasheet HTML 26Page - Texas Instruments TMS320F28076 Datasheet HTML 27Page - Texas Instruments TMS320F28076 Datasheet HTML 28Page - Texas Instruments TMS320F28076 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
6.3 Pins With Internal Pullup and Pulldown
Some pins on the device have internal pullups or pulldowns. Table 6-1 lists the pull direction and when it is
active. The pullups on GPIO pins are disabled by default and can be enabled through software. In order to avoid
any floating unbonded inputs, the Boot ROM will enable internal pullups on GPIO pins that are not bonded out in
a particular package. Other pins noted in Table 6-1 with pullups and pulldowns are always on and cannot be
disabled.
Table 6-1. Pins With Internal Pullup and Pulldown
PIN
RESET
( XRS = 0)
DEVICE BOOT
APPLICATION SOFTWARE
GPIOx
Pullup disabled
Pullup disabled(1)
Pullup enable is application-
defined
TRST
Pulldown active
TCK
Pullup active
TMS
Pullup active
TDI
Pullup active
XRS
Pullup active
VREGENZ
Pulldown active
ERRORSTS
Pulldown active
Other pins
No pullup or pulldown present
(1)
Pins not bonded out in a given package will have the internal pullups enabled by the Boot ROM.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com