Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F28075 Datasheet HTML 9Page - Texas Instruments TMS320F28075 Datasheet HTML 10Page - Texas Instruments TMS320F28075 Datasheet HTML 11Page - Texas Instruments TMS320F28075 Datasheet HTML 12Page - Texas Instruments TMS320F28075 Datasheet HTML 13Page - Texas Instruments TMS320F28075 Datasheet HTML 14Page - Texas Instruments TMS320F28075 Datasheet HTML 15Page - Texas Instruments TMS320F28075 Datasheet HTML 16Page - Texas Instruments TMS320F28075 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO11
0, 4, 8, 12
2
1
I/O
General-purpose input/output 11
EPWM6B
1
O
Enhanced PWM6 output B (HRPWM-capable)
SCIRXDB
2, 6
I
SCI-B receive data
OUTPUTXBAR7
3
O
Output 7 of the output XBAR
EQEP1B
5
I
Enhanced QEP1 input B
GPIO12
0, 4, 8, 12
4
3
I/O
General-purpose input/output 12
EPWM7A
1
O
Enhanced PWM7 output A (HRPWM-capable)
CANTXB
2
O
CAN-B transmit
MDXB
3
O
McBSP-B transmit serial data
EQEP1S
5
I/O
Enhanced QEP1 strobe
SCITXDC
6
O
SCI-C transmit data
GPIO13
0, 4, 8, 12
5
4
I/O
General-purpose input/output 13
EPWM7B
1
O
Enhanced PWM7 output B (HRPWM-capable)
CANRXB
2
I
CAN-B receive
MDRB
3
I
McBSP-B receive serial data
EQEP1I
5
I/O
Enhanced QEP1 index
SCIRXDC
6
I
SCI-C receive data
GPIO14
0, 4, 8, 12
6
5
I/O
General-purpose input/output 14
EPWM8A
1
O
Enhanced PWM8 output A (HRPWM-capable)
SCITXDB
2
O
SCI-B transmit data
MCLKXB
3
I/O
McBSP-B transmit clock
OUTPUTXBAR3
6
O
Output 3 of the output XBAR
GPIO15
0, 4, 8, 12
7
6
I/O
General-purpose input/output 15
EPWM8B
1
O
Enhanced PWM8 output B (HRPWM-capable)
SCIRXDB
2
I
SCI-B receive data
MFSXB
3
I/O
McBSP-B transmit frame synch
OUTPUTXBAR4
6
O
Output 4 of the output XBAR
GPIO16
0, 4, 8, 12
8
7
I/O
General-purpose input/output 16
SPISIMOA
1
I/O
SPI-A slave in, master out
CANTXB
2
O
CAN-B transmit
OUTPUTXBAR7
3
O
Output 7 of the output XBAR
EPWM9A
5
O
Enhanced PWM9 output A
SD1_D1
7
I
Sigma-Delta 1 channel 1 data input
GPIO17
0, 4, 8, 12
9
8
I/O
General-purpose input/output 17
SPISOMIA
1
I/O
SPI-A slave out, master in
CANRXB
2
I
CAN-B receive
OUTPUTXBAR8
3
O
Output 8 of the output XBAR
EPWM9B
5
O
Enhanced PWM9 output B
SD1_C1
7
I
Sigma-Delta 1 channel 1 clock input
GPIO18
0, 4, 8, 12
10
9
I/O
General-purpose input/output 18
SPICLKA
1
I/O
SPI-A clock
SCITXDB
2
O
SCI-B transmit data
CANRXA
3
I
CAN-A receive
EPWM10A
5
O
Enhanced PWM10 output A
SD1_D2
7
I
Sigma-Delta 1 channel 2 data input
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com