Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28075 Datasheet HTML 1Page - Texas Instruments TMS320F28075 Datasheet HTML 2Page - Texas Instruments TMS320F28075 Datasheet HTML 3Page - Texas Instruments TMS320F28075 Datasheet HTML 4Page - Texas Instruments TMS320F28075 Datasheet HTML 5Page - Texas Instruments TMS320F28075 Datasheet HTML 6Page - Texas Instruments TMS320F28075 Datasheet HTML 7Page - Texas Instruments TMS320F28075 Datasheet HTML 8Page - Texas Instruments TMS320F28075 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
– ISO 26262 certified up to ASIL B and IEC
61508 certified up to SIL 2 by TUV SUD
• Package options:
– 176-pin PowerPAD™ Thermally Enhanced Low-
Profile Quad Flatpack (HLQFP) [PTP suffix]
– 100-pin PowerPAD Thermally Enhanced Thin
Quad Flatpack (HTQFP) [PZP suffix]
• Temperature options:
– T: –40°C to 105°C junction
– S: –40°C to 125°C junction
– Q: –40°C to 125°C free-air
(AEC Q100 qualification for automotive
applications)
2 Applications
• Medium/short range radar
• Traction inverter motor control
• HVAC large commercial motor control
• Automated sorting equipment
• CNC control
• AC charging (pile) station
• DC charging (pile) station
• EV charging station power module
• Energy storage power conversion system (PCS)
• Central inverter
• Solar power optimizer
• String inverter
• Inverter & motor control
• On-board (OBC) & wireless charger
• AC drive control module
• AC drive power stage module
• Linear motor power stage
• Servo drive control module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS
3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing. The C2000 line includes
the Premium performance MCUs and the Entry performance MCUs.
The TMS320F2807x microcontroller family is suited for advanced closed-loop control applications such as
industrial motor drives; solar inverters and digital power; electrical vehicles and transportation; and sensing and
signal processing. To accelerate application development, the DigitalPower software development kit (SDK) for
C2000 MCUs and the MotorControl software development kit (SDK) for C2000™ MCUs are available.
The F2807x is a 32-bit floating-point microcontroller based on TI’s industry-leading C28x core. This core is
boosted by the trigonometric hardware accelerator which improves performance of trigonometric-based
algorithms with CPU instructions such as sine, cosine, and arctangent functions, which are common in torque-
loop and position calculations.
The F2807x microcontroller family features a CLA real-time control coprocessor. The CLA is an independent 32-
bit floating-point processor that runs at the same speed as the main CPU. The CLA responds to peripheral
triggers and executes code concurrently with the main C28x CPU. This parallel processing capability can
effectively double the computational performance of a real-time control system. By using the CLA to service
time-critical functions, the main C28x CPU is free to perform other tasks, such as communications and
diagnostics.
The F2807x device supports up to 512KB (256KW) of ECC-protected onboard flash memory and up to 100KB
(50KW) of SRAM with parity. Two independent security zones are also available for 128-bit code protection of
the main C28x.
The analog subsystem boasts up to three 12-bit ADCs, which enable simultaneous management of three
independent power phases, and up to eight windowed comparator subsystems (CMPSSs), allowing very fast,
direct trip of the PWMs in overvoltage or overcurrent conditions. In addition, the device has three 12-bit DACs,
and precision control peripherals such as enhanced pulse width modulators (ePWMs) with fault protection,
eQEP peripherals, and eCAP units.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com