Electronic Components Datasheet Search
  English  ▼

X  

54AC00 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54AC00
Description  Advanced CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC00 Datasheet(HTML) 1 Page - Silicon Supplies

  54AC00 Datasheet HTML 1Page - Silicon Supplies 54AC00 Datasheet HTML 2Page - Silicon Supplies 54AC00 Datasheet HTML 3Page - Silicon Supplies 54AC00 Datasheet HTML 4Page - Silicon Supplies 54AC00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS Logic – 54AC00
Rev 1.0
19/02/21
Quad 2-Input NAND Gates in bare die form
Description
Features:
Outputs Sink/Source 24mA
54AC00 provides x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
The device is fabricated using a 1.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. Internal circuitry comprises of 3 stages and includes
buffered output for high noise immunity and stability.
Device inputs are compatible with standard CMOS outputs;
with pull-up resistors, they are compatible with LSTTL
outputs. All inputs are equipped with protection circuits
against static discharge and transient excess voltage.
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 54HC00 or 54LS00
Full Military Temperature Range.
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
1200 (47)
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
1200 x 1200
µm
Die Size (Unsawn)
47 x 47
mils
Sawn Wafer on Tape – On request
120 x 120
µm
Minimum Bond Pad Size
4.72 x 4.72
mils
Unsawn Wafer – On request
350 (±20)
µm
Die Thickness
13.78 (±0.79)
mils
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 54AC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
Intersil Corporation
54AC00 INTERSIL-54AC00 Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Silicon Supplies
54AC00 SS-54AC00 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
54AC00 SS-54AC00_V01 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
More results

Similar Description - 54AC00

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC139 SS-74AC139 Datasheet
739Kb / 6P
Advanced CMOS Logic
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com