Electronic Components Datasheet Search
  English  ▼

X  

54AC240 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54AC240
Description  Advanced CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC240 Datasheet(HTML) 5 Page - Silicon Supplies

  54AC240 Datasheet HTML 1Page - Silicon Supplies 54AC240 Datasheet HTML 2Page - Silicon Supplies 54AC240 Datasheet HTML 3Page - Silicon Supplies 54AC240 Datasheet HTML 4Page - Silicon Supplies 54AC240 Datasheet HTML 5Page - Silicon Supplies 54AC240 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Advanced CMOS Logic – 54AC240
Rev 1.0
01/05/18
AC Electrical Characteristics8 (V
CC 3.3V ±0.3V, VCC 5V ±0.3V)
LIMITS
PARAMETER
8. Not production tested in die form, characterized by chip design
9. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
3.3V
8.0
9.0
11.0
CL = 50pF,
tPLH,
5.0V
Input
ns
tr = tf = 3ns
6.5
7.0
8.5
3.3V
8.0
8.5
10.5
Maximum
Propagation Delay
1A to 1Y or 2A to 2Y
CL = 50pF,
(Figure 1,3)
tPHL
5.0V
Input
ns
tr = tf = 3ns
6.0
6.5
8.0
3.3V
10.5
11.0
11.5
CL = 50pF,
tPZH,
5.0V
Input
ns
tr = tf = 3ns
7.0
8.0
9.0
3.3V
10.0
11.0
13.0
Output Enable Time
OE to 1Y or 2Y
CL = 50pF,
(Figure 2,4)
tPZL
5.0V
Input
ns
tr = tf = 3ns
8.0
8.5
10.5
3.3V
10
10.5
12.5
CL = 50pF,
tPHZ
5.0V
Input
ns
tr = tf = 3ns
9.0
9.5
10.5
3.3V
10.5
11.5
13.5
Output Enable Time
OE to 1Y or 2Y
CL = 50pF,
(Figure 2,4)
tPLZ
5.0V
Input
ns
tr = tf = 3ns
9.0
9.5
11.0
Maximum Input
Capacitance
CIN
-
-
4.5
4.5
4.5
pF
TYPICAL
Power Dissipation
TJ = 25°C,
Capacitance
9
CPD
-
VCC = 5.0V
45
pF
Page 5 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com