Electronic Components Datasheet Search
  English  ▼

X  

ADIS16486 Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16486
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16486 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16486 Datasheet HTML 17Page - Analog Devices ADIS16486 Datasheet HTML 18Page - Analog Devices ADIS16486 Datasheet HTML 19Page - Analog Devices ADIS16486 Datasheet HTML 20Page - Analog Devices ADIS16486 Datasheet HTML 21Page - Analog Devices ADIS16486 Datasheet HTML 22Page - Analog Devices ADIS16486 Datasheet HTML 23Page - Analog Devices ADIS16486 Datasheet HTML 24Page - Analog Devices ADIS16486 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 21 of 38
Table 80. Z_DELTVEL_OUT Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x00
0x56, 0x57
Not applicable
R
No
Table 81. Z_DELTVEL_OUT Bit Definition
Bits
Description (No Default)
[15:0]
Z-axis delta velocity data, high word, twos complement,
±200 m/sec range, 0 m/sec = 0x0000, 1 LSB = 200 m/sec ÷
215 = ~6.104 mm/sec
Delta Velocity Resolution
Table 82 and Table 83 illustrate delta angle data in both 16-bit
and 32-bit formats.
Table 82. 16-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+200 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1110 1111
+200/214
+2
0x0002
0000 0000 0000 0010
+200/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−200/215
−1
0xFFFF
1111 1111 1111 1111
−200/214
−2
0xFFFE
1111 1111 1111 1110
−200
−32,768
0x8000
1000 0000 0000 0000
Table 83. 32-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
+200 × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+200/230
+2
0x00000002
+200/231
+1
0x00000001
0
0
0x00000000
−200/231
−1
0xFFFFFFFF
−200/230
−2
0xFFFFFFFE
−200
−2,147,483,648
0x80000000
REAL-TIME CLOCK (RTC)
The VDDRTC power supply pin (see Table 6, Pin 23) provides a
separate supply for the RTC function. Connecting the VDDRTC
pin to its own 3.3 V supply enables the RTC to keep track of time,
even when the main supply (VDD) is off. Note that the VDDRTC
power supply must always be connected, even when this
function is not used.
Configure the RTC function by selecting one of two modes in
Bit 0 of the CONFIG register (see Table 147). The RTC data is
available in the TIME_MS_OUT (see Table 85), TIME_DH_OUT
(see Table 87), and TIME_YM_OUT (see Table 89) registers.
When using the elapsed timer mode, the time data registers start
at 0x0000 when the device starts up (or resets) and begin keeping
time in a similar manner to a stopwatch.
When using the clock and calendar mode, write the current time
to the real-time registers in the following sequence: second(s)
(TIME_MS_OUT, Bits[5:0]), minute(s) (TIME_ MS_OUT,
Bits[13:8]), hour(s) (TIME_DH_OUT, Bits[5:0]), day(s)
(TIME_DH_OUT, Bits[12:8]), month(s) (TIME_YM_OUT,
Bits[3:0]), and year(s) (TIME_YM_OUT, Bits[14:8]).
The updates to the timer become active only after a write to
TIME_YM_OUT, Bits[14:8] byte completes.
The RTC registers reflect the newly updated values only after the
next seconds tick of the clock that follows the write to TIME_YM_
OUT, Bits[14:8] (year(s)). Writing to TIME_YM_OUT, Bits[14:8]
activates all of the timing values. Therefore, always write to this
location last when updating the timer, even if the year information
does not require updating.
Write the current time to each time data register after setting
CONFIG, Bit 0 = 1 (DIN = 0x8003, DIN = 0x8AC1, DIN =
0x8B00). This sequence preserves the factory default for other
bits in the CONFIG register. After configuring the CONFIG
register, set GLOB_CMD, Bit 3 = 1 (DIN = 0x8003, DIN =
0x8204, DIN = 0x8300) to back up these settings in flash. Even
though only VDDRTC must have power for time tracking,
access to the time data in the TIME_xx_OUT registers requires
normal operation (VDD = 3.3 V and full startup). Even when
not using the RTC function, the supply voltage on VDDRTC
must meet the conditions in Table 1.
RTC: Minutes and Seconds, TIME_MS_OUT
Table 84. TIME_MS_OUT Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x00
0x78, 0x79
Not applicable
R/W
No
Table 85. TIME_MS_OUT Bit Definitions
Bits
Description (No Default)
[15:14]
Not used
[13:8]
Minute(s), binary data, range = 0 to 59
[7:6]
Not used
[5:0]
Second(s), binary data, range = 0 to 59
RTC: Day and Hour, TIME_DH_OUT
Table 86. TIME_DH_OUT Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x00
0x7A, 0x7B
Not applicable
R/W
No
Table 87. TIME_DH_OUT Bit Definitions
Bits
Description (No Default)
[15:13]
Not used
[12:8]
Day(s), binary data, range = 1 to 31
[7:6]
Not used
[5:0]
Hour(s), binary data, range = 0 to 23
RTC: Year and Month, TIME_YM_OUT
Table 88. TIME_YM_OUT Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x00
0x7C, 0x7D
Not applicable
R/W
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com