Electronic Components Datasheet Search
  English  ▼

X  

ADIS16486 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16486
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16486 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16486 Datasheet HTML 19Page - Analog Devices ADIS16486 Datasheet HTML 20Page - Analog Devices ADIS16486 Datasheet HTML 21Page - Analog Devices ADIS16486 Datasheet HTML 22Page - Analog Devices ADIS16486 Datasheet HTML 23Page - Analog Devices ADIS16486 Datasheet HTML 24Page - Analog Devices ADIS16486 Datasheet HTML 25Page - Analog Devices ADIS16486 Datasheet HTML 26Page - Analog Devices ADIS16486 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet
ADIS16486
Rev. 0 | Page 23 of 38
CALIBRATION
The signal chain of each inertial sensor (accelerometers and
gyroscopes) includes the application of unique correction
formulas, which come from extensive characterization of bias,
sensitivity, alignment, and response to linear acceleration
(gyroscopes) over a temperature range of −40°C to +85°C for
every ADIS16486. These correction formulas are not accessible,
but users can adjust bias and scale factor for each sensor
individually through user accessible registers. These correction
factors follow immediately after the factory derived correction
formulas in the signal chain.
Calibration, Gyroscope Scale, X_GYRO_SCALE
The X_GYRO_SCALE register (see Table 92 and Table 93)
allows users to adjust the scale factor for the x-axis gyroscopes.
See Figure 25 for an illustration of how this scale factor
influences the x-axis gyroscope data.
Table 92. X_GYRO_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x04, 0x05
0x0000
R/W
Yes
Table 93. X_GYRO_SCALE Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope scale correction, twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
X-AXIS
GYRO
FACTORY
CALIBRATION
AND
FILTERING
X_GYRO_OUT
X_GYRO_LOW
XG_BIAS_HIGH
XG_BIAS_LOW
1 + X_GYRO_SCALE
Figure 25. User Calibration Signal Path, Gyroscopes
Calibration, Gyroscope Scale, Y_GYRO_SCALE
The Y_GYRO_SCALE register (see Table 94 and Table 95)
allows users to adjust the scale factor for the y-axis gyroscopes.
This register influences the y-axis gyroscope measurements in
the same manner that the X_GYRO_SCALE register influences
the x-axis gyroscope measurements (see Figure 25).
Table 94. Y_GYRO_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x06, 0x07
0x0000
R/W
Yes
Table 95. Y_GYRO_SCALE Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope scale correction, twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Calibration, Gyroscope Scale, Z_GYRO_SCALE
The Z_GYRO_SCALE register (see Table 96 and Table 97)
allows users to adjust the scale factor for the z-axis gyroscopes.
This register influences the z-axis gyroscope measurements in the
same manner that the X_GYRO_SCALE register influences the
x-axis gyroscope measurements (see Figure 25).
Table 96. Z_GYRO_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x08, 0x09
0x0000
R/W
Yes
Table 97. Z_GYRO_SCALE Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope scale correction, twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Calibration, Accelerometer Scale, X_ACCL_SCALE
The X_ACCL_SCALE register (see Table 98 and Table 99)
allows users to adjust the scale factor for the x-axis accelerometers.
See Figure 26 for an illustration of how this scale factor influences
the x-axis accelerometer data.
Table 98. X_ACCL_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x0A, 0x0B
0x0000
R/W
Yes
Table 99. X_ACCL_SCALE Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer scale correction, twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
X-AXIS
ACCL
FACTORY
CALIBRATION
AND
FILTERING
X_ACCL_OUT
X_ACCL_LOW
XA_BIAS_HIGH
XA_BIAS_LOW
1 + X_ACCL_SCALE
Figure 26. User Calibration Signal Path, Accelerometers
Calibration, Accelerometer Scale, Y_ACCL_SCALE
The Y_ACCL_SCALE register (see Table 100 and Table 101)
allows users to adjust the scale factor for the y-axis accelerometers.
This register influences the y-axis accelerometer measurements
in the same manner that the X_ACCL_SCALE register influences
the x-axis accelerometer measurements (see Figure 26).
Table 100. Y_ACCL_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x0C, 0x0D
0x0000
R/W
Yes
Table 101. Y_ACCL_SCALE Bit Definition
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer scale correction, twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Calibration, Accelerometer Scale, Z_ACCL_SCALE
The Z_ACCL_SCALE register (see Table 102 and Table 103)
allows users to adjust the scale factor for the z-axis accelerometers.
This register influences the z-axis accelerometer measurements
in the same manner that the X_ACCL_SCALE register influences
the x-axis accelerometer measurements (see Figure 26).
Table 102. Z_ACCL_SCALE Register Definition
Page ID
Addresses
Default
Access
Flash Backup
0x02
0x0E, 0x0F
0x0000
R/W
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com