Electronic Components Datasheet Search
  English  ▼

X  

PC3550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC3550
Description  Type of pressure: relative pressure Liquids and gases
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PC3550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC3550 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC3550 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC3550
Pressure sensors
PT-400-SBG14-A-ZVG/US/ /W
1: sealing NBR / DIN 3869-14
tightening torque 25 Nm
Product characteristics
Electronic pressure sensor
for mobile applications
e1 compliant
Process connection: G ¼ A
Analogue output
Measuring range: 0...400 bar
Application
Type of pressure: relative pressure
Liquids and gases
Application
600
Pressure rating
[bar]
1600
Bursting pressure min.
[bar]
-40...90
Medium temperature
[°C]
Electrical data
DC
Electrical design
8.5...36 DC
Operating voltage
[V]
> 100 (80 V DC)
Insulation resistance
[MΩ]
III
Protection class
yes
Reverse polarity protection
Outputs
Analogue output
Output
4...20 mA analogue
Output function
4...20 mA
Analogue output
(Ub - 8.5 V) x 50; 775 at Ub = 24 V
Max. load
[Ω]
Measuring / setting range
0...400
Measuring range
[bar]
Accuracy / deviations
Accuracy / deviations
(in % of the span)
< ± 1.0
Characteristics deviation *)
< ± 0.25 (BFSL) / < ± 0.5 (LS)
Linearity
< ± 0.2
Hysteresis
< ± 0.1
Repeatability **)
< ± 0.1
Long-term stability ***)
Temperature coefficients (TEMPCO) in the temperature range -25...90° C (in % of the span per 10 K)
< ± 0.1
Greatest TEMPCO of the zero point
< ± 0.1
Greatest TEMPCO of the span
Reaction times


Similar Part No. - PC3550

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355 SHARP-PC355 Datasheet
54Kb / 5P
Mini-Flat Package, High Sensitivity Photocoupler
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
logo
Multicomp Pro
PC355 MULTICOMP-PC355 Datasheet
19Kb / 1P
PC355 - Pushwire 5 way
24/09/07 REV A
logo
Picker Components
PC3551A-12 PICKER-PC3551A-12 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC3551A-12F PICKER-PC3551A-12F Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
More results

Similar Description - PC3550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
Silicon Piezoresistive Relative Pressure Sensor
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
Relative Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
Relative Pressure Sensor
MLX90807 MELEXIS-MLX90807_12 Datasheet
210Kb / 7P
Integrated Relative and Absolute Pressure Sensors
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
Relative Pressure Sensor IC
logo
ES Systems
ESCP-MIS1 ES-ESCP-MIS1 Datasheet
1Mb / 19P
MEMS Capacitive Pressure & Temperature Sensor for gases & liquids.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com