Electronic Components Datasheet Search
  English  ▼

X  

PC3550 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PC3550
Description  Type of pressure: relative pressure Liquids and gases
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PC3550 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PC3550 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC3550 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
Step response time analogue
output
[ms]
Environment
-40...90
Ambient temperature
[°C]
-40...100
Storage temperature
[°C]
IP 67 / IP 69K
Protection
Tests / approvals
EMC
4 kV CD / 8 kV AD
EN 61000-4-2 ESD:
according to the automotive
directive 95/54/EC 04/104EC /
05/83EC
noise immunity
100 V/m
ISO 11452-2
100 mA / severity level 4
ISO 11452-4
severity level 3 (severity level 4
upon request)
ISO 7637-2
according to CISPR 25
radiation of interference
EN 61000-6-1
EN 61000-6-4
Shock resistance
50 g (11 ms)
DIN IEC 68-2-27:
Vibration resistance
20 g (10...2000 Hz)
DIN IEC 68-2-6:
Mechanical data
G ¼ A
Process connection
stainless steel 316L / 1.4404; sealing: NBR
Materials (wetted parts)
stainless steel 316L / 1.4404; TROGAMID
Housing materials
50 million
Min. pressure cycles
0.078
Weight
[kg]
Electrical connection
M12 connector
Connection
Wiring
Remarks
Remarks
*) incl. drift due to tightening torque, zero and span error
**) with temperature fluctuations < 10 K
***) in% of the span / 6 months
e1 approval on request
BFSL = Best Fit Straight Line / LS = Limit Value Setting
1
Pack quantity
[piece]
ifm electronic gmbh • Friedrichstraße 1 • 45128 Essen — We reserve the right to make technical alterations without prior notice. — GB — PC3550 — 15.06.2015
PC3550 - Electronic pressure sensor - eclass: 27201302 / 27-20-13-02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com