Electronic Components Datasheet Search
  English  ▼

X  

ADRV9010 Datasheet(PDF) 49 Page - Analog Devices

Part # ADRV9010
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRV9010 Datasheet HTML 45Page - Analog Devices ADRV9010 Datasheet HTML 46Page - Analog Devices ADRV9010 Datasheet HTML 47Page - Analog Devices ADRV9010 Datasheet HTML 48Page - Analog Devices ADRV9010 Datasheet HTML 49Page - Analog Devices ADRV9010 Datasheet HTML 50Page - Analog Devices ADRV9010 Datasheet HTML 51Page - Analog Devices ADRV9010 Datasheet HTML 52Page - Analog Devices ADRV9010 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 49 of 115
–40
–100
–90
–60
–80
–70
–50
1500
1700
2000
1600
1900
1800
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 138. Observation Receiver LO Leakage vs. Observation Receiver
LO Frequency, 0 dB Attenuation, Sample Rate = 491.52 MSPS
20
15
–15
–5
5
10
–10
0
010
30
515
20
25
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 139. Observation Receiver Gain vs. Observation Receiver Attenuation,
20 MHz Offset, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS
20
19
15
17
18
16
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
1500
1700
2000
1600
1900
1800
OBSERVATION RECEIVER LO FREQUENCY (MHz)
Figure 140. Observation Receiver Gain vs. Observation Receiver LO
Frequency, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS
0.20
–0.20
–0.15
0.15
–0.05
0.05
0.10
–0.10
0
010
30
520
25
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 141. Observation Receiver Gain Step Error vs. Observation Receiver
Attenuation, 20 MHz Offset, −5 dBFS Input Signal
0.6
–0.6
–0.4
0.2
–0.2
0
0.4
–220
–140
220
–180
180
20
100
–60
140
–20
60
–100
BASEBAND OFFSET FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 142. Normalized Observation Receiver Flatness vs. Baseband Offset
Frequency, −25 dBm Input Signal, 0 dB Attenuation
–40
–100
–90
–70
–80
–50
–60
–225
–125
225
–175
75
175
–25
25
125
–75
BASEBAND OFFSET FREQUENCY (MHz)
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 143. Observation Receiver Image vs. Baseband Offset Frequency,
Tracking Calibration Active, Sample Rate = 491.52 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com