Electronic Components Datasheet Search
  English  ▼

X  

ADRV9010 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRV9010
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRV9010 Datasheet HTML 9Page - Analog Devices ADRV9010 Datasheet HTML 10Page - Analog Devices ADRV9010 Datasheet HTML 11Page - Analog Devices ADRV9010 Datasheet HTML 12Page - Analog Devices ADRV9010 Datasheet HTML 13Page - Analog Devices ADRV9010 Datasheet HTML 14Page - Analog Devices ADRV9010 Datasheet HTML 15Page - Analog Devices ADRV9010 Datasheet HTML 16Page - Analog Devices ADRV9010 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 13 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Spot Phase Noise,
Narrow Band
PLL optimized to minimize phase
noise at offsets > 200 kHz
800 MHz LO
100 kHz Offset
−115
dBc/Hz
1 MHz Offset
−141
dBc/Hz
10 MHz Offset
−162
dBc/Hz
1800 MHz LO
100 kHz Offset
−107
dBc/Hz
200 kHz Offset
−115
dBc/Hz
400 kHz Offset
−123
dBc/Hz
600 kHz Offset
−128
dBc/Hz
800 kHz Offset
−131
dBc/Hz
1.2 MHz Offset
−136
dBc/Hz
1.8 MHz Offset
−140
dBc/Hz
6 MHz Offset
−151
dBc/Hz
10 MHz Offset
−156
dBc/Hz
2600 MHz LO
100 kHz Offset
−97
dBc/Hz
1 MHz Offset
−124
dBc/Hz
10 MHz Offset
−150
dBc/Hz
3800 MHz LO
100 kHz Offset
−100
dBc/Hz
1 MHz Offset
−126
dBc/Hz
10 MHz Offset
−149
dBc/Hz
4800 MHz LO
100 kHz Offset
−94
dBc/Hz
1 MHz Offset
−120
dBc/Hz
10 MHz Offset
−145
dBc/Hz
5700 MHz LO
100 kHz Offset
−89
dBc/Hz
1 MHz Offset
−115
dBc/Hz
10 MHz Offset
−141
dBc/Hz
Spot Phase Noise,
Wide Band
PLL bandwidth optimized for
integrated phase noise and phase
noise at offsets > 1 MHz
800 MHz LO
100 kHz Offset
−114
dBc/Hz
1 MHz Offset
−141
dBc/Hz
10 MHz Offset
−162
dBc/Hz
1800 MHz LO
100 kHz Offset
−112
dBc/Hz
1 MHz Offset
−133
dBc/Hz
10 MHz Offset
−156
dBc/Hz
2600 MHz LO
100 kHz Offset
−112
dBc/Hz
1 MHz Offset
−120
dBc/Hz
10 MHz Offset
−149
dBc/Hz
3800 MHz LO
100 kHz Offset
−104
dBc/Hz
1 MHz Offset
−125
dBc/Hz
10 MHz Offset
−149
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com