Electronic Components Datasheet Search
  English  ▼

X  

ESI Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ESI
Description  Electromagnetic safety interlock with separated actuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ESI Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ESI Datasheet HTML 1Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 2Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 3Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 4Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 5Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 6Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 7Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 8Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Carlo Gavazzi Automation S.p.A.
ESI
ESI DS EN
25/09/2020
Electromagnetic safety interlock with separated actuator
Description
The Carlo Gavazzi safety switches are devices
designed and manufactured in accordance with
IEC international standards and EN European
regulations.
This device is used on machines where the
hazardous conditions remain for a while after
the stop signal generation and is helpful for the
realization of safety systems in accordance with
ISO 14119, performing a personal protection
function.
Benefits
•
Enhancing safety. Ideal for applications that require
access to remain closed and locked until potential
hazards have stopped or come to a predetermined safe
state.
•
Easy to install and cost effective. Protecting machines
from interruptions in production.
•
Standards compliance. SIL 3 in accordance with
EN 62061, PL e in accordance with EN ISO 13849-1,
interlock type 2 in accordance with EN ISO 14119.
•
High performance. Reinforced polymeric casing with a
protection degree IP65, operation range from -25°C to
+55°C, retention force 1200N.
•
Approvals by IMQ, CE, cULus.
Applications
This device is useful for guarantee the safety of the operator in case of machines where the hazardous
conditions remains for a while time after the generation of the stop signal, because of the mechanical inertia of
moving parts, components under pressure or with high temperatures.
Main functions
• Ensure protection in inertia's machineries
• Prevents the entry in a dangerous area until the unlock signal
• With manual unlock device for emergency
• Block controlled by solenoid
• Signals generated by solenoid or actuator
• Without electronic PCB


Similar Part No. - ESI

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-3EAR1.880G01 HITACHI-METALS-ESI-3EAR1.880G01 Datasheet
25Kb / 1P
3.2mm SQUARE ISOLATOR
ESI-3EAR1.880G01-T HITACHI-METALS-ESI-3EAR1.880G01-T Datasheet
25Kb / 1P
3.2mm SQUARE ISOLATOR
ESI-3EAR1.950G01 HITACHI-METALS-ESI-3EAR1.950G01 Datasheet
27Kb / 1P
3.2mm SQUARE ISOLATOR
ESI-3EAR1.950G01-T HITACHI-METALS-ESI-3EAR1.950G01-T Datasheet
27Kb / 1P
3.2mm SQUARE ISOLATOR
ESI-3EAR2.017G01 HITACHI-METALS-ESI-3EAR2.017G01 Datasheet
26Kb / 1P
3.2mm SQUARE ISOLATOR
More results

Similar Description - ESI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
Electromagnetic Buzzers
logo
Vincotech
10-PY096PA035ME-L224F18Y VINCOTECH-10-PY096PA035ME-L224F18Y Datasheet
331Kb / 6P
Sixpack with three separated legs
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
Electromagnetic Buzzer
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
Safety Key Interlock Switch
logo
Pepperl+Fuchs Inc.
VAZ-IM1-LR-RADIUS-BOLT-S PF-VAZ-IM1-LR-RADIUS-BOLT-S Datasheet
128Kb / 1P
Safety switch actuator
VAZ-IM1-TD-RADIUS-BOLT-S PF-VAZ-IM1-TD-RADIUS-BOLT-S Datasheet
137Kb / 1P
Safety switch actuator
VAZ-IM1-BOLT-S PF-VAZ-IM1-BOLT-S Datasheet
130Kb / 1P
Safety switch actuator
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com