Electronic Components Datasheet Search
  English  ▼

X  

ESI Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # ESI
Description  Electromagnetic safety interlock with separated actuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ESI Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

  ESI Datasheet HTML 1Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 2Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 3Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 4Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 5Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 6Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 7Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 8Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Carlo Gavazzi Automation S.p.A.
ESI
ESI DS EN
25/09/2020
Contact block
Rated impulsive withstand volt-
age Uimp
2,5 kV
Conventional free air thermal
current Ith
10A
Rated operating current AC-15 24V - 10A
Rated operating current AC-15 230V - 4A
Rated operating current DC-13 24V - 4A
Connection specifications
Connecting terminals
M3 screws with cable clamp
Wiring dimensions*
0.34 - 1.5 mm2
* Use only copper conductors 60/70°C, AWG14-18, stranded and solid conductor. Clamps tightening torque
0.8Nm.
Compatibility and conformity
Standard compliance
Low Voltage Directive 2014/35/EU in accordance with EN/IEC 60947-5-1
Machinery Directive 2006/42/CE in accordance with EN ISO 14119
SIL 3 in accordance with EN 62061
PL e in accordance with EN ISO 13849-1
Interlock type 2 in accordance with EN ISO 14119
Terminal marking
In accordance with IEC 60947-5-1
Approvals
Environmental
Operating temperature
-25 ÷ 55°C
Environmental designation
Type-1 enclosure
Protection against electrical
shock
Classe II
IP protection degree
IP65
Rated insulation voltage Ui
250V
Utilization category according
to UL508
A300 - Q300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com