Electronic Components Datasheet Search
  English  ▼

X  

AD8421 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8421
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices AD8421 Datasheet HTML 12Page - Analog Devices AD8421 Datasheet HTML 13Page - Analog Devices AD8421 Datasheet HTML 14Page - Analog Devices AD8421 Datasheet HTML 15Page - Analog Devices AD8421 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT6372-1
12
Rev. 0
For more information www.analog.com
Gain vs Frequency
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–20
–10
0
10
20
30
40
50
60
6372-1 G54
VS = ±15V
TA = 25°C
Clamp Transient Response
(Clamped Output)
(Clamped Output)
Clamp Transient Response
VS = ± 15V
G = 20
VCHI = 4.1V
VCLO = 0V
VREF1 = 0V
VREF2 = 4.1V
0V
0V
5µs/DIV
VOUT
2V/DIV
VIN
200mV/DIV
6372-1 G55
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
LT6372–1 Supply Current While
Clamping
Clamp Voltage vs Temperature
VS = ±15V
VREF1 = VCLLO = 0V
VREF2 = VCLHI = 4.1V
RL = 10kΩ
G = 20
VOUT
I+
I–
INPUT VOLTAGE (V)
–1 –0.75–0.50–0.25 0 0.25 0.50 0.75 1
–2
0
2
4
6
2
3
4
5
6
7
8
While Clamping
LT6372-1 Supply Current
6372-1 G56
VS = ±15V
VCLHI = VCLLO = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–800
–600
–400
–200
0
200
400
600
800
Clamp Voltage vs Temperature
6372-1 G57
CLAMPED HIGH
CLAMPED LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com