Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices AD8221 Datasheet HTML 21Page - Analog Devices AD8221 Datasheet HTML 22Page - Analog Devices AD8221 Datasheet HTML 23Page - Analog Devices AD8221 Datasheet HTML 24Page - Analog Devices AD8221 Datasheet HTML 25Page - Analog Devices AD8221 Datasheet HTML 26Page - Analog Devices AD8221 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT6372-1
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 9.
V–
V+
IN+
IN–
6372-1 F09
VOUT
RG
CC
10n
CC
10n
CD
100n
R
1.54k
R
1.54k
EXTERNAL RFI
FILTER
LT6372-1
f–3dB ≈ 500Hz
Adding a Simple External RC Filter at the Inputs to
an Instrumentation Amplifier Is Effective in Further Reducing
Rectification of High Frequency Out-Of-Band Signals
To avoid any possibility of common mode to differential
mode signal conversion, match the common mode low-
pass filter on each input to 1% or better. Here are the steps
to help determine appropriate values for the filter:
1. Pick R and CD to have a low pass pole at least 10x
higher than the highest signal of interest (e.g. 500Hz for
a 50Hz signal) using:
FilterFreqDIFF =
1
2πR(2CD+CC)
=
1
2πR(2CD+0.1CD)
=
1
4.2πRCD
2. Select CC = CD/10.
If implemented this way, the common-mode pole fre-
quency is placed about 20x higher than the differential
pole frequency. Here are the differential and common-
mode low pass pole frequencies for the values shown in
Figure 9:
FilterFreqDIFF = 500Hz
FilterFreqCM = 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com