Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 3 Page - Analog Devices

  AD8221 Datasheet HTML 1Page - Analog Devices AD8221 Datasheet HTML 2Page - Analog Devices AD8221 Datasheet HTML 3Page - Analog Devices AD8221 Datasheet HTML 4Page - Analog Devices AD8221 Datasheet HTML 5Page - Analog Devices AD8221 Datasheet HTML 6Page - Analog Devices AD8221 Datasheet HTML 7Page - Analog Devices AD8221 Datasheet HTML 8Page - Analog Devices AD8221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT6372-1
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = VREF1 = VREF2 = 0V, VCLLO = V–, VCLHI = V+, RL = 2kΩ.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain Range
G = (1 + 24.2k/RG) (Note 2)
1
1000
V/V
Gain Error (Notes 3, 4)
G = 1
G = 1
G = 10
G = 10
G = 100
G = 100
G = 1000
G = 1000
l
l
l
l
–0.004
–0.02
–0.02
–0.05
0.01
0.015
0.12
0.42
0.12
0.42
0.12
0.5
%
%
%
%
%
%
%
%
Gain vs Temperature (Notes 3, 4)
G = 1 (Note 5)
G > 1(Note 6)
l
l
0.2
20
0.5
35
ppm/°C
ppm/°C
Gain Nonlinearity (Notes 3, 7)
VOUT = ±10V, G = 1
VOUT = ±10V, G = 10
VOUT = ±10V, G = 100
VOUT = ±10V, G = 1000
1
3
20
50
3
40
50
ppm
ppm
ppm
ppm
VOUT = ±10V, G = 1, RL = 600Ω
VOUT = ±10V, G = 10, RL = 600Ω
VOUT = ±10V, G = 100, RL = 600Ω
VOUT = ±10V, G = 1000, RL = 600Ω
4
6
70
250
ppm
ppm
ppm
ppm
VOST, Total Input Referred Offset Voltage, VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
(Note 8)
l
±10
±60
±175
μV
μV
VOSO
Output Offset Voltage (Note 8)
l
±70
±275
±500
μV
μV
VOSI/T
Input Offset Voltage Drift (Notes 5, 8)
l
±0.6
μV/°C
Input Offset Voltage Hysteresis (Note 9)
TA = –40°C to 125°C
l
±3
μV
VOSO/T
Output Offset Voltage Drift (Notes 5, 8)
l
±4
μV/°C
Output Offset Voltage Hysteresis (Note 9) TA = –40°C to 125°C
l
±10
μV
IB
Input Bias Current
TA = –40°C to 85°C
TA =–40°Cto125°C
l
l
±0.1
±0.8
±1.5
±3
nA
nA
nA
IOS
Input Offset Current
l
±0.2
±1.4
±4
nA
nA
Input Noise Voltage (Note 10)
0.1Hz to 10Hz, G = 1
0.1Hz to 10Hz, G = 1000
2
0.2
μVP-P
μVP-P
Total RTI Noise =
√eni2 + (eno/G)2 (Note 10)
eni
Input Noise Voltage Density
f = 1kHz
7
nV/√Hz
eno
Output Noise Voltage Density
f = 1kHz
65
nV/√Hz
Input Noise Current
0.1Hz to 10Hz
10
pAP-P
in
Input Noise Current Density
f = 1kHz
200
fA/√Hz
RIN
Input Resistance
VIN = –12.6V to 13V
225
GΩ
CIN
Differential
Common Mode
f = 100kHz
f = 100kHz
0.9
15.9
pF
pF
VCM
Input Voltage Range
Guaranteed by CMRR
l
V– + 1.8/V+ – 1.4
V
V
V– + 2.4
V+ – 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com