Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8614
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8614 Datasheet HTML 12Page - Analog Devices LT8614 Datasheet HTML 13Page - Analog Devices LT8614 Datasheet HTML 14Page - Analog Devices LT8614 Datasheet HTML 15Page - Analog Devices LT8614 Datasheet HTML 16Page - Analog Devices LT8614 Datasheet HTML 17Page - Analog Devices LT8614 Datasheet HTML 18Page - Analog Devices LT8614 Datasheet HTML 19Page - Analog Devices LT8614 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT8604
16
Rev. 0
For more information www.analog.com
11
6
8
7
9
10
5
4
2
3
1
EN/UV
TR/SS
GND
SW
VIAS
R1
PG
GND
R2
RT
CPL
LT8604
VIN
BIAS
INTVCC
BST
VOUT
FB
RT
CINTVCC
L
CBST
COUT
CIN
GND
VOUT
8604 F04
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 4 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT8604’s VIN pins, GND pins, and the
input capacitor (CIN). The loop formed by the input capaci-
tor should be as small as possible by placing the capacitor
adjacent to the VIN and GND pins. When using a physically
large input capacitor the resulting loop may become too
large in which case using a small case/value capacitor
placed close to the VIN and GND pins plus a larger capaci-
tor further away is preferred. These components, along
with the inductor and output capacitor, should be placed
on the same side of the circuit board, and their connec-
tions should be made on that layer. Place a local, unbroken
ground plane under the application circuit on the layer
closest to the surface layer. The SW and BOOST nodes
should be as small as possible. Finally, keep the FB and
RT nodes small so that the ground traces will shield them
from the SW and BOOST nodes. The exposed pad on the
bottom of the package must be soldered to ground so that
the pad is connected to ground electrically and also acts
as a heat sink thermally. To keep thermal resistance low,
extend the ground plane as much as possible, and add
thermal vias near the LT8604 to additional ground planes
within the circuit board and on the bottom side.
Figure 4 shows the basic guidelines for a layout example.
Figure 4. Recommended PCB Layout (Not to Scale)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com