Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8614
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 2 Page - Analog Devices

  LT8614 Datasheet HTML 1Page - Analog Devices LT8614 Datasheet HTML 2Page - Analog Devices LT8614 Datasheet HTML 3Page - Analog Devices LT8614 Datasheet HTML 4Page - Analog Devices LT8614 Datasheet HTML 5Page - Analog Devices LT8614 Datasheet HTML 6Page - Analog Devices LT8614 Datasheet HTML 7Page - Analog Devices LT8614 Datasheet HTML 8Page - Analog Devices LT8614 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT8604
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV Voltage .................................... –0.3V to 42V
PG Voltage................................................. –0.3V to 42V
BIAS Voltage.............................................. –0.3V to 25V
FB, TR/SS Voltages...................................... –0.3V to 4V
Operating Junction Temperature Range (Note 2)
LT8604E, LT8604I.................................. –40°C to 125°C
LT8604J................................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
TOP VIEW
11
DDBM PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
θJA = 76°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
BST
SW
BIAS
INTVCC
RT
VIN
EN/UV
PG
TR/SS
FB
6
8
7
9
10
5
4
2
3
1
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8604EDDBM#TRMPBF
LT8604EDDBM#TRPBF
LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 125°C
LT8604IDDBM#TRMPBF
LT8604IDDBM#TRPBF
LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 125°C
LT8604JDDBM#TRMPBF
LT8604JDDBM#TRPBF
LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8604EDDBM#WTRMPBF
LT8604EDDBM#WTRPBF LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 125°C
LT8604IDDBM#WTRMPBF
LT8604IDDBM#WTRPBF LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 125°C
LT8604JDDBM#WTRMPBF
LT8604JDDBM#WTRPBF LHNB
10-Lead (3mm × 2mm) Plastic Side-Wettable
DFN Package
–40°C to 150°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Contact the factory for parts specified with wider operating temperature ranges.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com