Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8611
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8611 Datasheet HTML 28Page - Analog Devices LT8611 Datasheet HTML 29Page - Analog Devices LT8611 Datasheet HTML 30Page - Analog Devices LT8611 Datasheet HTML 31Page - Analog Devices LT8611 Datasheet HTML 32Page - Analog Devices LT8611 Datasheet HTML 33Page - Analog Devices LT8611 Datasheet HTML 34Page - Analog Devices LT8611 Datasheet HTML 35Page - Analog Devices LT8611 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LT8698S/LT8698S-1
32
Rev. A
For more information www.analog.com
to D–. This state allows compatible devices to draw 2.1A
of charge current.
Select State 26 accesses the 1.0A vendor charger profile.
This mode of operation connects a 2.0V resistive divider
from VBUS to D+ and a 2.7V resistive divider from VBUS
D–. This state allows compatible devices to draw 1.0A of
charge current.
For charger modes of operation (select states 21, 22, 24,
25 and 26), STATUS high indicates IBUS load >120mA and
STATUS low indicates IBUS load <100mA.
VBUS Only Modes of Operation
The LT8698S implements several modes of operation that
manipulate VBUS but leave the datalines switches open
and do not tie any resistor termination to the datalines.
Select states 12, 13 and 14 activate various versions of
the VBUS only modes. What is common to these states
is that the dataline switches are open. These VBUS only
modes differ by allowing the user to power VBUS, not
power VBUS or discharge VBUS. See Table 6.
For the VBUS only modes of operation with VBUS in regu-
lation (select state 13), STATUS high indicates IBUS load
>120mA and STATUS low indicates IBUS load <100mA.
For VBUS only mode of operation with VBUS disabled
(select state 12), STATUS high indicates VBUS < 0.5V and
STATUS low indicates VBUS > 0.85V. For VBUS only mode
of operation with VBUS being discharged (select state 14),
the STATUS pin indicates the discharge state. Refer to the
Bus Reset Modes of Operation section for more details.
Bus Reset Modes of Operation
The LT8698S implements several modes of operation that
discharge VBUS. Select states 5, 11, 14 and 20 activate
various versions of this VBUS reset mode. What is com-
mon to these states is that the switcher stops delivering
power to the VBUS output, a 9mA current sink is tied from
BUS/ISN to GND for 400ms, and the FLT pin can indicate
an unsuccessful discharge for 4.2ms at the end of the
discharge cycle. These VBUS reset modes differ by tying
various resistor terminations to the datalines or by open-
ing or closing the dataline switches. See Table 6.
APPLICATIONS INFORMATION
To initiate a bus reset sequence, normally the LT8698S
is in a state with VBUS powered up. The select pin's input
state is then changed to the desired BUS reset mode.
Within 1.5ms, switching stops and the LT8698S stops
delivering power to the VBUS output. Also, a 9mA current
sink is connected from BUS/ISN to GND. The LT8698S
will also start to oscillate the STATUS pin with a 9ms
period to indicate a bus reset sequence in progress. While
the STATUS pin oscillates, the select pins are locked out
from changing the LT8698S state.
The LT8698S discharges VBUS with the 9mA current
sink for 400ms. After 400ms, the LT8698S turns off the
current sink and measures the resultant VBUS voltage
for 120ms. If VBUS is < 0.5V for 120ms, the discharge
sequence is completed successfully. If VBUS is > 0.85V at
any point during this 120ms time, the discharge sequence
is completed unsuccessfully.
When the discharge sequence is complete, the STATUS
pin stops oscillating and pulls high, indicating that the
bus reset is done and that the select pins are no longer
locked out. If the bus reset was completed successfully,
the FLT pin does not change state. If the bus reset was not
completed successfully, the FLT pin pulls low for 4.2ms.
Refer to Figure 15 and Figure 16 for a timing diagram of
unsuccessful and successful BUS reset sequences.
VBUS Off Modes of Operations
The LT8698S is compatible with the USB On-The-Go
(OTG) and Embedded Host 2.0 Specification. This speci-
fication allows hosts and peripheral devices to exchange
roles. This role exchange means that VBUS may be driven
by the peripheral device on the B side of the USB con-
nection. The LT8698S offers VBUS off modes of operation
with a high input resistance on VBUS that allow a portable
device to drive VBUS. The LT8698S does not support the
Attach Detect Protocol (ADP) on the A side, but as a piece
of the A side device the LT8698S is compatible with ADP
on the B side.
Select state 3, 9, 12 and 18 activate various versions of
the LT8698S VBUS off modes. What is common to these
states is that switching is disabled and that the VBUS
input resistance is > 10kΩ. The VBUS off modes differ by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com