Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8611
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8611 Datasheet HTML 12Page - Analog Devices LT8611 Datasheet HTML 13Page - Analog Devices LT8611 Datasheet HTML 14Page - Analog Devices LT8611 Datasheet HTML 15Page - Analog Devices LT8611 Datasheet HTML 16Page - Analog Devices LT8611 Datasheet HTML 17Page - Analog Devices LT8611 Datasheet HTML 18Page - Analog Devices LT8611 Datasheet HTML 19Page - Analog Devices LT8611 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LT8698S/LT8698S-1
16
Rev. A
For more information www.analog.com
Dataline analog switches allow connection and disconnec-
tion between the HD+ pin and the LD+ pin and between the
HD– pin and the LD– pin. When connected, the switches
provide low resistance over the full 0V to 3.6V common
mode range and can block 0V to 20V on the HD+/– side
and 6V on the LD+/– side. High speed circuitry discon-
nects the switches in the event of a fault or ESD on the
HD+/– side.
The LT8698S includes many charger profiles including
USB BC 1.2 CDP, DCP, and SDP as well as common pro-
prietary profiles. Each profile ties various components
to the datalines. This could be resistive dividers, a short
between the datalines, or voltage sources and current
sources. These profiles might be passive or could react
OPERATION
to the device plugged into the USB socket in some active
manner. The profile allows the device plugged into the
USB socket to identify a high current charger and draw
more current from VBUS than the 0.5A that would usually
be allowed from a standard USB 2.0 socket.
SEL1-3 pins are tristate inputs that allow the host
µController to control the behavior of the LT8698S.
Internal resistive dividers bias these pins to 1V when a
high Z input is applied. The SEL1-3 pins are de-bounced
for 1.5ms prior to allowing a state change to the LT8698S.
The STATUS pin is an open drain output whose function is
determined by the state selected by the SEL1-3 pins. This
pin can output high or low or oscillate with a 9ms period.
Cable Drop Compensation
The LT8698S includes the necessary circuitry to imple-
ment cable drop compensation. Cable drop compensa-
tion allows the regulator to maintain 5V regulation on the
USB VBUS rail despite high cable resistance. The LT8698S
increases its local output voltage (VBUS/ISN) above 5V as
the load increases to keep VBUS regulated to 5V. This
compensation does not require running an additional pair
of Kelvin sense wires from the regulator to the load, but
does require the system designer to know the cable resis-
tance RCABLE as the LT8698S does not sense this value.
Program the cable drop compensation using the ratio of
Equation 1.
RCBL =46•
RSEN •RCDC
RCABLE
⎛
⎝
⎜
⎞
⎠
⎟
(1)
where RCDC is a resistor tied between the regulator out-
put and the USB5V pin, RCBL is a resistor tied between
the RCBL pin and GND, RSEN is the sense resistor tied
between the OUT/ISP and BUS/ISN pins in series between
the regulator output and the load, and RCABLE is the
cable resistance. RSEN must be 10mΩ for 2.4A applica-
tions and 8mΩ for 3A applications for the LT8698S to
function properly.
APPLICATIONS INFORMATION
The current flowing into the USB5V pin through RCDC is iden-
tical to the current flowing through RCBL. While the ratio of
these two resistors should be chosen per the equation above,
choose the absolute values of these resistors to keep this
current between 30µA and 1200µA at full load current. This
restriction results in RCBL and RCDC values between 1k and
40.2k. If IUSB5V is too low, capacitive loading on the RCBL
pin will degrade the load step transient performance of the
regulator. If IUSB5V istoohigh,theRCBL pinwillgointocurrent
limit and the cable drop compensation feature will not work.
Capacitance across the remote load to ground downstream
of RSEN forms a left half plane zero in the LT8698S device's
feedback loop due to cable drop compensation. CBUS and the
input capacitance of a portable device tied to the USB socket
typically form this zero. CCDC reducesthecabledropcompen-
sation gain at high frequency. The 4.7nF CCDC capacitor tied
across the 2k RCDC is required for stability of the LT8698S’s
output. If RCDC is changed, CCDC should also be changed
to maintain roughly the same 10µs RC time constant. If the
capacitance across the remote load is large compared to the
LT8698S output capacitors COUT and CBUS, a longer RCDC •
CCDC time constant may be necessary for stability depending
on the amount of cable drop compensation used. Output sta-
bility should always be verified in the end application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com