Electronic Components Datasheet Search
  English  ▼

X  

LT4180 Datasheet(PDF) 2 Page - Analog Devices

Part # LT4180
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4180 Datasheet(HTML) 2 Page - Analog Devices

  LT4180 Datasheet HTML 1Page - Analog Devices LT4180 Datasheet HTML 2Page - Analog Devices LT4180 Datasheet HTML 3Page - Analog Devices LT4180 Datasheet HTML 4Page - Analog Devices LT4180 Datasheet HTML 5Page - Analog Devices LT4180 Datasheet HTML 6Page - Analog Devices LT4180 Datasheet HTML 7Page - Analog Devices LT4180 Datasheet HTML 8Page - Analog Devices LT4180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LT8698S/LT8698S-1
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, OUT/ISP, BUS/ISN, USB5V ....................42V
HD+, HD–, CLAMP.....................................................20V
SYNC/MODE, FLT, STATUS,
SEL1, SEL2, SEL3, LD+, LD– .......................................6V
RCBL, RT ....................................................................2V
Operating Junction Temperature Range (Note 2)
LT8698SE .......................................... –40°C to 125°C
LT8698SJ .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Peak Package Body Reflow Temperature ..............260°C
(Note 1)
1
11
32
30
29
27
12
13
14
15
16
2
3
4
5
6
7
8
9
10
26
25
24
23
22
21
20
19
18
17
TOP VIEW
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
θJA = 22°C/W, (BASED ON DEMOBOARD)
GND AND PGND PINS 1, 11, 14, 17, 23, 27, 32 AND 33-42
ARE SHORTED INTERNALLY AND MUST BE SOLDERED TO PCB GND
GND
GND
GND
GND
GND
INTVCC
STATUS
FLT
EN/UV
SEL1
SEL2
SEL3
RT
SYNC/MODE
BST
SW
OUT/ISP
GND
SW
BUS/ISN
USB5V
RCBL
CLAMP
GND
35
GND
36
GND
34
GND
37
GND
38
GND
41
33
GND
40
39
42
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8698SEV#PBF
Au (RoHS)
8698V
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8698SJV#PBF
–40°C to 150°C
LT8698SEV-1#PBF
8698S1
–40°C to 125°C
LT8698SJV-1#PBF
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8698SEV#WPBF
Au (RoHS)
8698V
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8698SJV#WPBF
–40°C to 150°C
LT8698SEV-1#WPBF
8698S1
–40°C to 125°C
LT8698SJV-1#WPBF
–40°C to 150°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended PCB Assembly and Manufacturing Procedures.
• Package and Tray Drawings
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com